Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-8 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS110-8
Description  High surge voltage 1.25 A SCR for circuit breaker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-8 Datasheet(HTML) 4 Page - STMicroelectronics

  TS110-8 Datasheet HTML 1Page - STMicroelectronics TS110-8 Datasheet HTML 2Page - STMicroelectronics TS110-8 Datasheet HTML 3Page - STMicroelectronics TS110-8 Datasheet HTML 4Page - STMicroelectronics TS110-8 Datasheet HTML 5Page - STMicroelectronics TS110-8 Datasheet HTML 6Page - STMicroelectronics TS110-8 Datasheet HTML 7Page - STMicroelectronics TS110-8 Datasheet HTML 8Page - STMicroelectronics TS110-8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
TS110-8
4/10
DocID026589 Rev 1
Figure 5. Relative variation of thermal
impedance junction to ambient versus pulse
duration
Figure 6. Typical thermal resistance junction to
ambient versus copper surface under anode
(epoxy FR4, Cuth = 35 µm)
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
TO-92
SMBflat-3L
Copper surface
area = 5cm²
T( )
p s
K = [Z
/R
]
th(j-a)
th(j-a)
Figure 7. Relative variation of gate trigger
current and trigger voltage versus junction
temperature (typical values)
Figure 8. Relative variation of latching and
holding current versus junction temperature
(typical values)
Figure 9. Relative variation of holding current
versus gate-cathode resistance (typical values)
Figure 10. Relative variation of dV/dt immunity
versus junction temperature (typical values)
0.0
0.5
1.0
1.5
2.0
2.5
1.E-01
1.E+00
1.E+01
RK
GK ()
Ω
I [
] / I [
= 2
]
HH
RGK
RGK
20
Ω
0
1
2
3
4
5
6
7
8
9
10
20
40
60
80
100
120
Tj °C
()
VV
D = 0.67 X
DRM
GK = 220
R
Ω
dV/d
dV/d
1
tt
[T ] /
[T = 25°C]
jj



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com