Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-8 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS110-8
Description  High surge voltage 1.25 A SCR for circuit breaker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-8 Datasheet(HTML) 5 Page - STMicroelectronics

  TS110-8 Datasheet HTML 1Page - STMicroelectronics TS110-8 Datasheet HTML 2Page - STMicroelectronics TS110-8 Datasheet HTML 3Page - STMicroelectronics TS110-8 Datasheet HTML 4Page - STMicroelectronics TS110-8 Datasheet HTML 5Page - STMicroelectronics TS110-8 Datasheet HTML 6Page - STMicroelectronics TS110-8 Datasheet HTML 7Page - STMicroelectronics TS110-8 Datasheet HTML 8Page - STMicroelectronics TS110-8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID026589 Rev 1
5/10
TS110-8
Characteristics
10
Figure 15. Non repetitive surge peak on-state current
Figure 11. Relative variation of dV/dt immunity
versus gate-cathode resistance (typical values)
Figure 12. Relative variation of dV/dt immunity
versus gate-cathode capacitor (typical values)
0.10
1.00
10.00
100
200
300
400
500
600
700
RGK ()
Ω
dV/d R
dV/d R
220
t
GK
t
GK
[] /[
=
]
Ω
VV
D = 0.67 X
DRM
j = 125 °C
T
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
CGK ()
nF
dV/d C
dV/d C
100
t
GK
t
GK
[] /[
=
]
pF
VV
D = 0.67 X
DRM
j = 125 °C
T
R
220
GK =
Ω
Figure 13. On-state characteristics (maximum
values)
Figure 14. Surge peak on-state current versus
number of cycles
0.1
1.0
10.0
100.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Tj = 125 °C
Tj = 25 °C
VTM ()
V
ITM ()
A
j = 125 °C
T
= 0
Vto
.95 V
Rd 220 m
=
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com