Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS110-8
Description  High surge voltage 1.25 A SCR for circuit breaker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-8 Datasheet(HTML) 1 Page - STMicroelectronics

  TS110-8 Datasheet HTML 1Page - STMicroelectronics TS110-8 Datasheet HTML 2Page - STMicroelectronics TS110-8 Datasheet HTML 3Page - STMicroelectronics TS110-8 Datasheet HTML 4Page - STMicroelectronics TS110-8 Datasheet HTML 5Page - STMicroelectronics TS110-8 Datasheet HTML 6Page - STMicroelectronics TS110-8 Datasheet HTML 7Page - STMicroelectronics TS110-8 Datasheet HTML 8Page - STMicroelectronics TS110-8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
October 2014
DocID026589 Rev 1
1/10
TS110-8
High surge voltage 1.25 A SCR for circuit breaker
Datasheet
- production data
Features
• On-state rms current, 1.25 A
• Repetitive peak off-state voltage, 800 V
• Non-repetitive direct surge peak off-state
voltage, 1250 V
• Non-repetitive reverse surge peak off-state
voltage, 900 V
• Triggering gate current, 100 µA
• High off-state immunity: 200 V/µs
• ECOPACK®2 compliant component
Applications
• GFCI (Ground Fault Circuit Interrupter)
• AFCI (Arc Fault Circuit Interrupter)
• RCD (Residual Current Device)
• RCBO (Residual Current circuit Breaker with
Overload protection)
• AFDD (Arc Fault Detection Device)
Description
Thanks to highly sensitive triggering levels, the
TS110-8 series is suitable for circuit breaker
applications where the available gate current is
limited.
The 1250 V direct surge voltage capability of the
TS110-8 enables high robustness of the whole
circuit breaker. The low leakage current of the
TS110-8 reduces power consumption over the
entire lifetime of the circuit breaker. The high
off-state immunity (200 V/µs) insures the non
tripping of the breaker in case of electrical fast
transient (EFT) on the mains.
The TS110-8 is available in through-hole TO-92
package with GAK and KGA pinout and in
SMBflat-3L package.
Table 1. Device summary
Symbol
Value
Unit
IT(RMS)
1.25
A
VDRM, VRRM
800
V
VDSm, VRSM
1250, 900
V
IGT
100
µA
Tj
125
°C
www.st.com


Similar Part No. - TS110-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
More results

Similar Description - TS110-8

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ9062H PANASONIC-MAZ9062H Datasheet
85Kb / 3P
For surge absorption circuit
logo
STMicroelectronics
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
logo
Vishay Siliconix
VS-25TTS08PBF VISHAY-VS-25TTS08PBF Datasheet
874Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
18-Jun-13
logo
Panasonic Semiconductor
DZ2J043M0L PANASONIC-DZ2J043M0L Datasheet
334Kb / 5P
For constant voltage / For surge absorption circuit
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
logo
Vishay Siliconix
VS-40TPSPBF VISHAY-VS-40TPSPBF Datasheet
201Kb / 8P
Thyristor High Voltage, Phase Control SCR, 40 A
14-Sep-17
VS-30TPS12L-M3 VISHAY-VS-30TPS12L-M3 Datasheet
181Kb / 7P
Thyristor High Voltage, Phase Control SCR, 30 A
31-Jul-2018
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
09-Jan-18
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3_V01 Datasheet
180Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
04-Jun-2018
VS-40TPS16-M3 VISHAY-VS-40TPS16-M3 Datasheet
181Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
26-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com