Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-8 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS110-8
Description  High surge voltage 1.25 A SCR for circuit breaker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-8 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS110-8 Datasheet HTML 2Page - STMicroelectronics TS110-8 Datasheet HTML 3Page - STMicroelectronics TS110-8 Datasheet HTML 4Page - STMicroelectronics TS110-8 Datasheet HTML 5Page - STMicroelectronics TS110-8 Datasheet HTML 6Page - STMicroelectronics TS110-8 Datasheet HTML 7Page - STMicroelectronics TS110-8 Datasheet HTML 8Page - STMicroelectronics TS110-8 Datasheet HTML 9Page - STMicroelectronics TS110-8 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DocID026589 Rev 1
9/10
TS110-8
Ordering information
10
4
Ordering information
Figure 21. Ordering information scheme
5
Revision history
Table 8. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
TS110-8A1
TS110-8
T0-92
200 mg
2500
Bulk
TS110-8A1-AP
TS110-8
2000
Ammopack
TS110-8A2
TS110-8
T0-92
200 mg
2500
Bulk
TS110-8A2-AP
TS110-8
2000
Ammopack
TS110-8UF
TS110-8
SMBflat-3L
47 mg
5000
Tape and reel 13”
TS
-
(-
)
1 10
8
A1
AP
Sensitive SCR series
Current (rms)
1
1.25
=A
Gate sensitivity
1
100 μ
0 =
A
Voltage
88
= 00 V
Package
A1
TO-92 with “GAK” pinout
=
A2
TO-92 with “KGA” pinout
=
UF = SMBflat-3L
Packing mode
-=
AP
Ammopack (TO_92)
Blank = Bulk (TO-92), 13” tape and reel (SMBflat-3L)
Table 9. Document revision history
Date
Revision
Changes
13-Oct-2014
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com