Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5371 Datasheet (PDF) - Cirrus Logic

CS5371 Datasheet PDF - Cirrus Logic
Part # CS5371
Download  CS5371 Download
File Size   366.63 Kbytes
Page   22 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description LOW POWER HIGH PERFORMANCE MODULATORS

CS5371 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5371 Datasheet PDF - Cirrus Logic

Part # CS5371
Download  CS5371 Click to download

File Size   366.63 Kbytes
Page   22 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description LOW POWER HIGH PERFORMANCE MODULATORS

CS5371 Datasheet (HTML) - Cirrus Logic


CS5371 Product details

Description
The CS5371 and CS5372 are one and two channel high dynamic range, fourth-order ∆−Σ modulators intended for geophysical and sonar applications. Used in combination with the CS5376 digital filter, a unique high resolution A/D measurement system results.

Features
● Fourth-Order ∆Σ Architecture
● Clock Jitter Tolerant Architecture
● Input Voltage Range 5 Vp-p (2.5 Vdiff)
● High Dynamic Range (SNR)
    • 124 dB @ 411 Hz Bandwidth
    • 121 dB @ 822 Hz Bandwidth
● Low Total Harmonic Distortion (THD)
    • -118 dB Typical, -112 dB Maximum
● Low Power Consumption
    • Normal Mode: 25 mW per Channel
    • Low Power Mode: 15 mW per Channel
● Small Footprint 24 Pin SSOP Package
● Single or Multi-Channel System Support
    • 1 Channel System; CS5371
    • 2 Channel System; CS5372
    • 3 Channel System; CS5371 + CS5372
    • 4 Channel System; CS5372 + CS5372
● Single or Dual Power Supply Configurations
    • VA+ = +5 V; VA- = 0 V; VD = +3 V to +5 V
    • VA+ = +2.5 V; VA- = -2.5 V; VD = +3 V to +5 V
    • VA+ = +3 V; VA- = -3 V; VD = +3 V




Similar Part No. - CS5371

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371 CIRRUS-CS5371 Datasheet
340Kb / 22P
Low-power, High-performance ?誇 Modulators
CS5371-BS CIRRUS-CS5371-BS Datasheet
340Kb / 22P
Low-power, High-performance ?誇 Modulators
CS5371-BSZ CIRRUS-CS5371-BSZ Datasheet
340Kb / 22P
Low-power, High-performance ?誇 Modulators
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
Low-power, High-performance Modulators
CS5371A CIRRUS-CS5371A Datasheet
302Kb / 32P
Low-power, High-performance ?誇 Modulators
More results


Similar Description - CS5371

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
Low-power, High-performance Modulators
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
Low-power, High-performance ?誇 Modulators
CS5371 CIRRUS-CS5371_05 Datasheet
340Kb / 22P
Low-power, High-performance ?誇 Modulators
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_14 Datasheet
510Kb / 377P
High performance, low power Atme
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
635Kb / 30P
High-performance, Low-power AVR
ATMEGA1284P ATMEL-ATMEGA1284P_14 Datasheet
374Kb / 380P
High-performance, Low-power AVR
ATTINY24 ATMEL-ATTINY24_14 Datasheet
644Kb / 238P
High Performance, Low Power AVR
AT90PWM2B ATMEL-AT90PWM2B_14 Datasheet
501Kb / 25P
High Performance, Low Power Atmel
ATMEGA406 ATMEL-ATMEGA406_14 Datasheet
2Mb / 263P
High Performance, Low Power AVR
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com