Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5371 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5371
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5371 Datasheet HTML 4Page - Cirrus Logic CS5371 Datasheet HTML 5Page - Cirrus Logic CS5371 Datasheet HTML 6Page - Cirrus Logic CS5371 Datasheet HTML 7Page - Cirrus Logic CS5371 Datasheet HTML 8Page - Cirrus Logic CS5371 Datasheet HTML 9Page - Cirrus Logic CS5371 Datasheet HTML 10Page - Cirrus Logic CS5371 Datasheet HTML 11Page - Cirrus Logic CS5371 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CS5371/CS5372
8
DS255PP2
CS5376
MSYNC
MSYNC
MFLAG1
M
FLAG1
MCLK
MCLK
MDATA1
MDATA1
MFLAG2
MFLAG2
MDATA2
MDATA2
0.01
µF
1k
Ω
1k
Ω
1k
Ω
1k
Ω
0.01
µF
INRI+
INFI+
INFI-
INRI-
INR2+
INF2+
INF2-
INR2-
INRI+
INFI+
INFI-
INRI-
INR2+
INF2+
INF2-
INR2-
~
MFLAG3
MFLAG1
MDATA3
MDATA1
MFLAG4
MFLAG2
MDATA4
MDATA2
OFST
LPWR
PWDN1
Channel 1
GPIO5
GPIO6
GPIO7
CS5372
CS5372
MSYNC
MCLK
OFST
LPWR
PWDN1
VA-
DGND
-3 V
+3 V
+3 V
VA+
VD+
VREF
+3 V
-3 V
VREF+
VREF-
VREF-
VREF+
VA+
VD+
VA-
DGND
PWDN2
GPIO4
PWDN2
X7R
COG
0.01µF
100 µF
220
Ω
0.01
µF
1k
Ω
1k
Ω
1k
Ω
1k
Ω
0.01
µF
~
Channel 2
COG
X7R
0.01
µF
1k
Ω
1k
Ω
1k
Ω
1k
Ω
0.01
µF
~
Channel 3
COG
X7R
0.01
µF
1k
Ω
1k
Ω
1k
Ω
1k
Ω
0.01
µF
~
Channel 4
COG
X7R
100 µF
0.01 µF
100 µF
0.01 µF
100 µF
0.01 µF
Figure 3. System Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com