Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5371 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5371
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5371 Datasheet HTML 13Page - Cirrus Logic CS5371 Datasheet HTML 14Page - Cirrus Logic CS5371 Datasheet HTML 15Page - Cirrus Logic CS5371 Datasheet HTML 16Page - Cirrus Logic CS5371 Datasheet HTML 17Page - Cirrus Logic CS5371 Datasheet HTML 18Page - Cirrus Logic CS5371 Datasheet HTML 19Page - Cirrus Logic CS5371 Datasheet HTML 20Page - Cirrus Logic CS5371 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
CS5371/CS5372
DS255PP2
17
10. PIN DESCRIPTION - CS5371
Power Supplies
VA+ _ Positive Analog Power Supply, pin 8
Positive supply voltage.
VA- _ Negative Analog Power Supply, pin 7
Negative supply voltage.
VD _ Positive Digital Power Supply, pin 13, 18
Positive supply voltage.
DGND _ Digital Ground, pin 17
Analog Inputs
INR+ _ Rough Non-Inverting Input, pin 1
Rough non-inverting analog input. The rough input settles non-linear currents to improve
linearity on the fine input and reduce harmonic distortion.
INR- _ Rough Inverting Input, pin 4
Rough inverting analog input. The rough input settles non-linear currents to improve linearity
on the fine input and reduce harmonic distortion.
INF+ _ Fine Non-Inverting Input, pin 2
Fine non-inverting analog input.
1
2
3
4
5
6
7
817
18
19
20
21
22
23
24
9
10
11
12
13
14
15
16
Rough Non-Inverting Input
INR+
Fine Non-Inverting Input
INF+
Fine Inverting Input
INF-
Rough Inverting Input
INR-
Positive Voltage Reference Input
VREF+
Negative Voltage Reference Input
VREF-
Negative Analog Power Supply
VA-
Positive Analog Power Supply
VA+
No Internal Connection
NC
No Internal Connection
NC
No Internal Connection
NC
No Internal Connection
NC
PWDN
Power-down Enable
LPWR
Low Power Mode Select
MFLAG
Modulator Flag Output
MDATA
Modulator Data Output
MSYNC
Modulator Sync Input
MCLK
Modulator Clock Input
VD
Positive Digital Power Supply
DGND
Digital Ground
NC
No Internal Connection
NC
No Internal Connection
OFST
Offset Mode Select
VD
Positive Digital Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com