Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5371 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5371
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5371 Datasheet HTML 1Page - Cirrus Logic CS5371 Datasheet HTML 2Page - Cirrus Logic CS5371 Datasheet HTML 3Page - Cirrus Logic CS5371 Datasheet HTML 4Page - Cirrus Logic CS5371 Datasheet HTML 5Page - Cirrus Logic CS5371 Datasheet HTML 6Page - Cirrus Logic CS5371 Datasheet HTML 7Page - Cirrus Logic CS5371 Datasheet HTML 8Page - Cirrus Logic CS5371 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CS5371/CS5372
DS255PP2
3
1. CHARACTERISTICS/SPECIFICATIONS
ANALOG CHARACTERISTICS Notes:T
A = -40 °C to +85 °C; VA+ = 2.5 V ± 5%; VA- = -2.5 V ± 5%;
VD = 3 V ± 5%; DGND = 0 V; MCLK = 2.048 MHz; LPWR = 0; VREF+/- = 2.5V (VREF- = -2.5 V; VREF+ = 0 V);
Devices are connected as shown in Figure 3, the System Connection Diagram, unless otherwise specified.
Notes: 1. Dynamic Range defined as 20log( (RMS full scale) / (RMS idle noise) )
2. Tested with full scale input signal of 31.25 Hz; OWR = 1000 sps; OFST = 0 or OFST = 1.
3. Characterized with input signals of 31.25 Hz and 52.63 Hz, each 6 dB down from full scale, OWR =
1000 sps.
4. Specification is for the parameter over the specified temperature range and is for the CS5371/CS5372
devices only and does not include the effects of external components.
5. Specifications are guaranteed by design and/or characterization.
6. The offset after calibration specification applies to the effective offset voltage for a full scale input to the
CS5371/CS5372 modulator, but is measured from the output digital codes from the CS5376.
7. The CS5371/CS5372 offset calibration is performed digitally and includes full scale range. Calibration
offsets greater than ± 5% of full scale will begin to subtract from the dynamic range.
Parameter
Symbol
CS5371-BS / CS5372-BS
Unit
Min
Typ
Max
Specified Temperature Range
TA
-40
-
+85
°C
Dynamic Performance
Dynamic Range
(Note 1)
OFST = 1
0 Hz to 1644 Hz
0 Hz to 822 Hz
0 Hz to 411 Hz
0 Hz to 206 Hz
0 Hz to 103 Hz
0 Hz to 51.5 Hz
0 Hz to 25.75 Hz
SNR
-
-
121
-
-
-
-
109
121
124
127
130
133
136
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Total Harmonic Distortion
(Note 2)
THD
-
-118
-112
dB
Intermodulation Distortion
(Note 3)
IMD
-
-115
-
dB
DC Accuracy
Channel to Channel Gain Variation
CGV
-
1
-
%
Full Scale Error
(Note 4)
FSE
-
1
-
%
Full Scale Drift
(Notes 4 and 5)
TCFS
-
5
-
ppm/°C
Offset
(Notes 4)
VZSE
-1
-
mV
Offset after Calibration
(Note 6)
-
±1
-
µV
Offset Calibration Range
(Note 7)
-
100
-
%F.S.
Offset Drift
(Notes 4 and 5)
TCZSE
-1
-
µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com