Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5371 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5371
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5371 Datasheet HTML 1Page - Cirrus Logic CS5371 Datasheet HTML 2Page - Cirrus Logic CS5371 Datasheet HTML 3Page - Cirrus Logic CS5371 Datasheet HTML 4Page - Cirrus Logic CS5371 Datasheet HTML 5Page - Cirrus Logic CS5371 Datasheet HTML 6Page - Cirrus Logic CS5371 Datasheet HTML 7Page - Cirrus Logic CS5371 Datasheet HTML 8Page - Cirrus Logic CS5371 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CS5371/CS5372
4
DS255PP2
ANALOG CHARACTERISTICS (Continued)
Notes: 8. The upper bandwidth limit is determined by the CS5376 digital filter. A simple single pole anti-alias filter
with a -3 dB frequency at (MCLK / 256) should be placed in front of each channel.
9. The input voltage range is for the configuration depicted in Figure 3, the System Connection Diagram,
and applies to signal frequencies from DC to the stop-band frequency selected in the CS5376.
10. Per channel. All outputs unloaded. All digital inputs forced to VD or GND respectively.
11. In Low Power Mode LPWR = 1, the Master Clock MCLK is reduced to 1.024 MHz. This reduces the
signal bandwidth by a factor of 2.
12. Tested with a 100 mVp-p sine wave applied separately to each supply.
Parameter
Symbol
Min
Typ
Max
Unit
Specified Temperature Range
TA
-40
-
+85
°C
Input Characteristics
Input Signal Frequencies
(Note 8)
BW
DC
-
1644
Hz
Input Voltage Range
(Note 9)
VIN
-
-
5
Vp-p
Input Over-range Voltage Tolerance
(Note 9)
IOVR
5-
-
%F.S.
Input Signal plus Common Mode
VA-
-
VA+
V
Common Mode Rejection Ratio
CMRR
-
90
-
dB
Channel Crosstalk, CS5372 only
CXT
-
-120
-
dB
Voltage Reference Input
VREF
(VREF+) - (VREF-)
-
2.5
-
V
VREF Current
-
-
120
µA
Power Supplies
DC Power Supply Currents
(Note 10 and 11)
LPWR = 0; MCLK = 2.048 MHz
Analog
Digital
LPWR = 1; MCLK = 1.024 MHz
Analog
Digital
VA
VD
VA
VD
-
-
-
-
5.0
0.1
3.0
0.1
7.0
0.2
4.5
0.2
mA
mA
mA
mA
Power Down
CS5371
PWDN = 1
PWDN = 1, MCLK = 0
CS5372
PWDN1 or PWDN2 = 1
PWDN1 = PWDN2 = 1
PWDN1 = PWDN2 = 1; MCLK = 0
PD
-
-
-
-
-
1
10
25
1
10
-
-
-
-
-
mW
µW
mW
mW
µW
Power Supply Rejection
DC - 128 kHz
(Note 12)
PSRR
-
90
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com