Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5371 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5371
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5371 Datasheet HTML 14Page - Cirrus Logic CS5371 Datasheet HTML 15Page - Cirrus Logic CS5371 Datasheet HTML 16Page - Cirrus Logic CS5371 Datasheet HTML 17Page - Cirrus Logic CS5371 Datasheet HTML 18Page - Cirrus Logic CS5371 Datasheet HTML 19Page - Cirrus Logic CS5371 Datasheet HTML 20Page - Cirrus Logic CS5371 Datasheet HTML 21Page - Cirrus Logic CS5371 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
CS5371/CS5372
20
DS255PP2
INF1-, INF2- _ Channel 1 & 2 Fine Inverting Input, pin 3, 10
Fine inverting analog inputs.
VREF+ _ Positive Voltage Reference Input, pin 5
Input for an external +2.5V voltage reference relative to VREF-.
VREF- _ Negative Voltage Reference Input, pin 6
This pin must be tied to VA-.
Digital Inputs
MCLK _ Modulator Clock Input, pin 19
A CMOS compatible clock input for the modulator internal master clock, nominally 2.048
MHz with an amplitude equal to the VD digital power supply.
MSYNC _ Modulator Sync Input, pin 20
A low to high transition resets the internal clock phasing of the modulator. This assures the
sampling instant and modulator data output are synchronous to the external system.
OFST _ Offset Mode Select, pin 14
When high, adds approximately +100mV of offset to the analog inputs to guarantee any zero
input
∆−Σ idle tones are removed. When low, no offset is added.
LPWR _ Low Power Mode Select, pin 23
When set high with MCLK operating at 1.024 MHz, modulator power dissipation is reduced to
15 mW per channel.
PWDN1, PWDN2 _ Channel 1 & 2 Power-down Mode, pin 24, 13
When high, the modulator is in power down mode and consumes 1mW. Halting MCLK while
in power down mode reduces modulator power dissipation to 10 µW.
Digital Outputs
MDATA1, MDATA2 _ Modulator Data Output, pin 21, 16
Modulator data is output as a 1-bit serial data stream at a 512 kHz rate with an MCLK input of
2.048 MHz. Modulator data is output at a 256 kHz rate with an MCLK input of 1.024 MHz.
MFLAG1, MFLAG2 _ Modulator Flag, pin 22, 15
A high level output indicates the modulator is unstable due to an over-range on the analog
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com