Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5371 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5371
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5371 Datasheet HTML 1Page - Cirrus Logic CS5371 Datasheet HTML 2Page - Cirrus Logic CS5371 Datasheet HTML 3Page - Cirrus Logic CS5371 Datasheet HTML 4Page - Cirrus Logic CS5371 Datasheet HTML 5Page - Cirrus Logic CS5371 Datasheet HTML 6Page - Cirrus Logic CS5371 Datasheet HTML 7Page - Cirrus Logic CS5371 Datasheet HTML 8Page - Cirrus Logic CS5371 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2001
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS5371
/CS5372
Low-Power High-Performance
∆Σ Modulators
Features
l Fourth-Order
∆Σ Architecture
l Clock Jitter Tolerant Architecture
l Input Voltage Range 5 Vp-p (2.5 Vdiff)
l High Dynamic Range (SNR)
s 124 dB @ 411 Hz Bandwidth
s 121 dB @ 822 Hz Bandwidth
l Low Total Harmonic Distortion (THD)
s -118 dB Typical, -112 dB Maximum
l Low Power Consumption
s Normal Mode:
25 mW per Channel
s Low Power Mode: 15 mW per Channel
l Small Footprint 24 Pin SSOP Package
l Single or Multi-Channel System Support
s 1 Channel System; CS5371
s 2 Channel System; CS5372
s 3 Channel System; CS5371 + CS5372
s 4 Channel System; CS5372 + CS5372
l Single or Dual Power Supply Configurations
s VA+ = +5 V; VA- = 0 V;
VD = +3 V to +5 V
s VA+ = +2.5 V; VA- = -2.5 V; VD = +3 V to +5 V
s VA+ = +3 V; VA- = -3 V;
VD = +3 V
Description
The CS5371 and CS5372 are one and two channel high
dynamic range, fourth-order
∆−Σ modulators intended
for geophysical and sonar applications. Used in combi-
nation with the CS5376 digital filter, a unique high
resolution A/D measurement system results.
The CS5371 and CS5372 provide higher dynamic range
and lower total harmonic distortion than our industry
standard CS5321 modulator, while consuming signifi-
cantly less power per channel. The modulators generate
an oversampled serial bit stream at 512 kbits per second
when operated from a clock frequency of 2.048 MHz.
The CS5371 and CS5372 are available in a small 24-pin
SSOP package, providing exceptional performance in a
very small footprint.
In normal mode (LPWR = 0, MCLK = 2.048 MHz), power
consumption is 25 mW per channel, and in low power
mode (LPWR = 1, MCLK = 1.024MHz), power consump-
tion is 15 mW per channel.
Each modulator can be
independently powered down to 1 mW per channel, and
by halting the input clock the modulators enter a mi-
cropower state using only 10 µW per channel.
ORDERING INFORMATION
CS5371 - BS
-40 oC to +85 oC
24-pin SSOP
CS5372 - BS
-40 oC to +85 oC
24-pin SSOP
DIA 
W6
#7+ÃPS9@S
DIS 
DIS 
WS@A
WS@A
H96U6!
HT`I8
H8GF
QX9I
W9
∆−ΣÃHP9VG6UPS
DIA 
QX9I!
DIA!
#7+ÃPS9@S
DIS!
DIS!
∆−ΣÃHP9VG6UPS
DIA!
PATU GQXS
9BI9
HAG6B!
8GP8F
B@I@S6UPS
H96U6
HAG6B
W6
DIA
W6
#7+ÃPS9@S
DIS
DIS
WS@A
WS@A
HT`I8
H8GF
QX9I
W9
∆−ΣÃHP9VG6UPS
DIA
PATU GQXS
9BI9
8GP8F
B@I@S6UPS
H96U6
HAG6B
W6
CS5371
CS5372
APR ‘01
DS255PP2


Similar Part No. - CS5371

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371 CIRRUS-CS5371 Datasheet
340Kb / 22P
Low-power, High-performance ?誇 Modulators
CS5371-BS CIRRUS-CS5371-BS Datasheet
340Kb / 22P
Low-power, High-performance ?誇 Modulators
CS5371-BSZ CIRRUS-CS5371-BSZ Datasheet
340Kb / 22P
Low-power, High-performance ?誇 Modulators
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
Low-power, High-performance Modulators
CS5371A CIRRUS-CS5371A Datasheet
302Kb / 32P
Low-power, High-performance ?誇 Modulators
More results

Similar Description - CS5371

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
Low-power, High-performance Modulators
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
Low-power, High-performance ?誇 Modulators
CS5371 CIRRUS-CS5371_05 Datasheet
340Kb / 22P
Low-power, High-performance ?誇 Modulators
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_14 Datasheet
510Kb / 377P
High performance, low power Atme
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
635Kb / 30P
High-performance, Low-power AVR
ATMEGA1284P ATMEL-ATMEGA1284P_14 Datasheet
374Kb / 380P
High-performance, Low-power AVR
ATTINY24 ATMEL-ATTINY24_14 Datasheet
644Kb / 238P
High Performance, Low Power AVR
AT90PWM2B ATMEL-AT90PWM2B_14 Datasheet
501Kb / 25P
High Performance, Low Power Atmel
ATMEGA406 ATMEL-ATMEGA406_14 Datasheet
2Mb / 263P
High Performance, Low Power AVR
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com