Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5371 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5371
Description  LOW POWER HIGH PERFORMANCE MODULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5371 Datasheet HTML 10Page - Cirrus Logic CS5371 Datasheet HTML 11Page - Cirrus Logic CS5371 Datasheet HTML 12Page - Cirrus Logic CS5371 Datasheet HTML 13Page - Cirrus Logic CS5371 Datasheet HTML 14Page - Cirrus Logic CS5371 Datasheet HTML 15Page - Cirrus Logic CS5371 Datasheet HTML 16Page - Cirrus Logic CS5371 Datasheet HTML 17Page - Cirrus Logic CS5371 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
CS5371/CS5372
14
DS255PP2
7%. The one’s density of the MDATA output is de-
fined as the ratio of ‘1’ bits to total bits in the serial
bitstream output, i.e. an 86% one’s density has, on
average, a ‘1’ value in 86 of every 100 output data
bits.
When operated with the CS5376 digital filter, the
full scale
24-bit
output codes
range
from
0x5FFFFF (decimal 6,291,455) to 0xA00001 (dec-
imal -6,291,455).
Note that for a full scale input signal, 5 Vp-p
(2.5 Vdiff) with VREF=2.5 V, the CS5371/CS5372
and CS5376 chip set does not output a maximum
24-bit 2’s complement digital code of 0x7FFFFF
(digital 8,388,607), but instead a lower scaled value
to allow over-range capability. The CS5376 con-
verts to full performance specification up to a pos-
itive over-range value of 0x64CCCC (decimal
6,606,028) and down to a negative over-range val-
ue of 0x9B3334 (decimal -6,606,028).
7.3.
Modulator Sync - MSYNC
To synchronize the analog sampling instant and
timing of the digital output bitstream, the
CS5371/CS5372 modulators use an MSYNC sig-
nal. When using the CS5376 digital filter, MSYNC
is automatically generated from a SYNC signal in-
put from the external system.
The MSYNC input is rising edge triggered and re-
sets the internal MCLK counter-divider so the ana-
log sampling instant occurs during a consistent
MCLK phase. It also sets the MDATA output tim-
ing so the bitstream can be properly sampled by the
CS5376 digital filter input.
7.4.
Modulator Flag - MFLAG
The CS5371/CS5372 modulators are 4th order
∆−
Σ and are therefore conditionally stable. The mod-
ulators may go into an oscillatory condition if the
analog inputs are over-ranged more than 5% past
either positive or negative full scale.
If an unstable condition is detected, the modulators
collapse to a 1st order system until loop stability is
achieved. During this time, the MFLAG pin tran-
sitions from low to high to signal an error condi-
tion. The analog input signal must be reduced to
within the full scale range for at least 32 MCLK cy-
cles for the modulator to recover from an unstable
condition.
The MFLAG output connects to a dedicated input
on the CS5376 digital filter, causing an error bit to
be set in the status portion of the digital output data
word when detected.
8. POWER MODES
Four power modes are available when using the
CS5371/CS5372 modulators. Normal power and
low power modes are operational modes, power
down and micro power modes are non-operational
standby modes.
8.1.
Normal Power Mode
The normal operational mode for the modulators,
LPWR=0 and MCLK=2.048 MHz, provides the
best performance with power consumption of
25 mW per channel. This power mode is recom-
mended when maximum conversion accuracy is re-
quired.
Table 1. Output coding for the CS5371/CS5372 and
CS5376 combination
Modulator Input
Signal
CS5376 Filter
Output Code
HEX
Decimal
> + (VREF + 5%)
Error Flag Possible
≈ + (VREF + 5%)
64CCCC
+6606028
+VREF
5FFFFF
+6291455
0V
000000
0
-VREF
A00001
-6291455
≈ - (VREF + 5%)
9B3334
-6606028
> - (VREF + 5%)
Error Flag Possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com