Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1102R Datasheet (PDF) - STMicroelectronics

STA1102R Datasheet PDF - STMicroelectronics
Part # STA1102R
Download  STA1102R Download
File Size   284.33 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 Gbps, 2 differential-pair channel eSATA signal re-driver

STA1102R Datasheet (PDF)

Go To PDF Page Download Datasheet
STA1102R Datasheet PDF - STMicroelectronics

Part # STA1102R
Download  STA1102R Click to download

File Size   284.33 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 Gbps, 2 differential-pair channel eSATA signal re-driver

STA1102R Datasheet (HTML) - STMicroelectronics


STA1102R Product details

Features
■ Supports eSATA data rate of 1.5 Gbps and 3 Gbps
■ Supports complete eSATA bus of two 2-wire differential-pair channels
■ Squelch detector for validity of input differential signal
■ Single operating supply (VCC) range of 3.3 V ± 10%
■ Low power mode
■ 100 Ω CML I/Os
■ eSATA hot plug capable
■ Low capacitance on all channels
■ 1-bit input equalizer regenerates the receiver attenuated signal
■ 1-bit adjustable pre-emphasis and driver to drive the transmitter outputs over long PCB track lengths
■ Low output skew and jitter
■ Low ground bounce
■ Available in QFN20 (4 x 4 mm) package footprint with flow-through pinout
■ 0 °C to 85 °C operating temperature range




Similar Part No. - STA1102R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA1050 STMICROELECTRONICS-STA1050 Datasheet
148Kb / 11P
CD-Audio one-chip
21-Nov-2006
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
DSP/MCU system for CD-DA, CD-CA, CD-ROM player
12-Mar-2008
STA1052S1 STMICROELECTRONICS-STA1052S1 Datasheet
189Kb / 14P
DSP/MCU system for CD-DA, CD-CA, CD-ROM player
12-Mar-2008
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
STA1078 STMICROELECTRONICS-STA1078 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
More results


Similar Description - STA1102R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
11.3-GBPS DIFFERENTIAL VCSEL DRIVER
logo
Linear Technology
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
Differential Driver and Receiver Pair
logo
Pericom Semiconductor C...
PI2EQX3201 PERICOM-PI2EQX3201 Datasheet
510Kb / 7P
3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
PI2EQX3211B PERICOM-PI2EQX3211B Datasheet
408Kb / 5P
3.2Gbps 2 Differential Channel Serial Re-driver with Equalization, Squelch and Flow-Through Pinout
logo
Intersil Corporation
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
logo
IC-Haus GmbH
IC-DL ICHAUS-IC-DL Datasheet
305Kb / 9P
3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-VX ICHAUS-IC-VX Datasheet
603Kb / 11P
3-CHANNEL DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
M21351G-14 ETC2-M21351G-14 Datasheet
782Kb / 2P
M21351/2/3 4.25 Gbps Backplane Signal Conditioners
logo
Texas Instruments
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
11.3 Gbps Differential VCSEL Driver
logo
IC-Haus GmbH
IC-DL ICHAUS-IC-DL_17 Datasheet
530Kb / 10P
3-CHANNEL DIFFERENTIAL LINE DRIVER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com