Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1102R Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA1102R
Description  3 Gbps, 2 differential-pair channel eSATA signal re-driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1102R Datasheet(HTML) 3 Page - STMicroelectronics

  STA1102R Datasheet HTML 1Page - STMicroelectronics STA1102R Datasheet HTML 2Page - STMicroelectronics STA1102R Datasheet HTML 3Page - STMicroelectronics STA1102R Datasheet HTML 4Page - STMicroelectronics STA1102R Datasheet HTML 5Page - STMicroelectronics STA1102R Datasheet HTML 6Page - STMicroelectronics STA1102R Datasheet HTML 7Page - STMicroelectronics STA1102R Datasheet HTML 8Page - STMicroelectronics STA1102R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STA1102R
Description
Doc ID 16470 Rev 5
3/18
1
Description
The STA1102R device is a serial data signal re-driver. It integrates two differential-pair
channels suitable for eSATA signals up to a 3 Gbps data rate, in compliance with the SATA
rev 2.6 specification.
An input detector is available at each channel, which constantly monitors the input signal
level for output squelch functionality. If the detected differential input is below a defined
threshold, the output is biased to the common mode voltage.
High-speed data paths and the flow-through pinout minimize internal device jitter and
simplify board layout. The integrated input equalizer improves signal integrity at the receiver
due to effects from lossy cables. A 1-bit adjustable pre-emphasis is also integrated to drive
the transmitter outputs over long PCB track lengths.
The device can be set to a low-power mode by disabling the output current drivers through
the EN pin.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com