Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1102R Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA1102R
Description  3 Gbps, 2 differential-pair channel eSATA signal re-driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1102R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA1102R Datasheet HTML 2Page - STMicroelectronics STA1102R Datasheet HTML 3Page - STMicroelectronics STA1102R Datasheet HTML 4Page - STMicroelectronics STA1102R Datasheet HTML 5Page - STMicroelectronics STA1102R Datasheet HTML 6Page - STMicroelectronics STA1102R Datasheet HTML 7Page - STMicroelectronics STA1102R Datasheet HTML 8Page - STMicroelectronics STA1102R Datasheet HTML 9Page - STMicroelectronics STA1102R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Block diagram
STA1102R
6/18
Doc ID 16470 Rev 5
Table 2.
Pin description
Pin number
Pin name
Type
Function
1
IN_D1+
Input
IN_D1+ makes a differential pair with IN_D1-
2
IN_D1-
Input
IN_D1- makes a differential pair with IN_D1+
3
GND
Power
Ground
4
OUT_D2-
Output
OUT_D2- makes a differential pair with OUT_D2+
5
OUT_D2+
Output
OUT_D2+ makes a differential pair with OUT_D2-
6
VCC
Power
3.3 V DC supply
7
EN
Input
Output driver enable pin; when low, device enters low power mode
(internal 360 k
Ω pull-up resistor to V
CC)
8
D2
Input
Channel 2 pre-emphasis selection (internal 360 k
Ω pull-down resistor to
GND)
9
D1
Input
Channel 1 pre-emphasis selection (internal 360 k
Ωpull-down resistor to
GND)
10
VCC
Power
3.3 V DC supply
11
IN_D2+
Input
IN_D2+ makes a differential pair with IN_D2-
12
IN_D2-
Input
IN_D2- makes a differential pair with IN_D2+
13
GND
Power
Ground
14
OUT_D1-
Output
OUT_D1- makes a differential pair with OUT_D1+
15
OUT_D1+
Output
OUT_D1+ makes a differential pair with OUT_D1-
16
VCC
Power
3.3 V DC supply
17
E1
Input
Channel 1, input equalization selection (internal 360 k
Ω pull down
resistor to GND)
18
E2
Input
Channel 2, input equalization selection (internal 360 k
Ω pull down
resistor to GND)
19
GND
Power
Ground
20
VCC
Power
3.3 V DC supply
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com