Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1102R Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA1102R
Description  3 Gbps, 2 differential-pair channel eSATA signal re-driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1102R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA1102R Datasheet HTML 7Page - STMicroelectronics STA1102R Datasheet HTML 8Page - STMicroelectronics STA1102R Datasheet HTML 9Page - STMicroelectronics STA1102R Datasheet HTML 10Page - STMicroelectronics STA1102R Datasheet HTML 11Page - STMicroelectronics STA1102R Datasheet HTML 12Page - STMicroelectronics STA1102R Datasheet HTML 13Page - STMicroelectronics STA1102R Datasheet HTML 14Page - STMicroelectronics STA1102R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
STA1102R
Recommended operating conditions
Doc ID 16470 Rev 5
11/18
7
Recommended operating conditions
Electrical characteristics
(TA = 0 to 85 °C, VCC = 3.0 V to 3.6 V unless otherwise specified).
Table 7.
Recommended operating conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply voltage
-
3.0
3.3
3.6
V
TA
Operating ambient temperature
-
0
-
85
°C
CC
Coupling capacitor
-
-
12
-
nF
DR
Data rate
-
-
-
3.0
Gbps
Table 8.
DC electrical characteristic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General parameter characteristics
ICC_standby Standby mode supply current
EN = L
-
-
300
µA
ICC_active Active mode supply current
VDIFF_RX = 700 mV, K28.5
pattern running at 3 Gbps
D1 = D2 = H
--
80
mA
ICC_squelch
VDIFF_RX ≤VTH, EN = H
D1= D2 = H
--
45
mA
TPD
Data propagation delay
-
-
-
400
ps
TDIS
Device disable time
EN = H to L
-
-
2
µs
TEN
Device enable time
EN = L to H
-
-
20
µs
Control logic characteristics
VIH
Input logic high voltage
-
1.4
-
-
V
VIL
Input logic low voltage
-
-
-
0.5
V
IIH
Input logic high current
-
-15
-
15
µA
IIL
Input logic low current
-
-15
-
15
µA
Squelch detector characteristics
VTH
Squelch threshold voltage
-
50
-
150
mVpp
TENTER
Squelch mode enter
-
-
-
5
ns
TEXIT
Squelch mode exit
-
-
-
5
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com