Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1102R Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA1102R
Description  3 Gbps, 2 differential-pair channel eSATA signal re-driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1102R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA1102R Datasheet HTML 10Page - STMicroelectronics STA1102R Datasheet HTML 11Page - STMicroelectronics STA1102R Datasheet HTML 12Page - STMicroelectronics STA1102R Datasheet HTML 13Page - STMicroelectronics STA1102R Datasheet HTML 14Page - STMicroelectronics STA1102R Datasheet HTML 15Page - STMicroelectronics STA1102R Datasheet HTML 16Page - STMicroelectronics STA1102R Datasheet HTML 17Page - STMicroelectronics STA1102R Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
STA1102R
Package information
Doc ID 16470 Rev 5
15/18
Table 10.
STA1102RUTR - mechanical data for QFN20 (4 x 4 x 0.8 mm)
- pitch 0.5 mm
Table 11.
STA1102RUTR - exposed pad variations
Symbol
Dimensions
Millimeters
Min.
Typ.
Max.
A
0.700.750.80
A1
-
0.02
-
A2
-
0.65
-
A3
-
0.20
-
b
0.180.250.30
D
3.854.004.15
D2
See exposed pad variations
E
3.854.004.15
E2
See exposed pad variations
e
0.450.500.55
L
0.450.550.65
Variation
D2
E2
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.002.102.20
2.002.10
2.20
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com