Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1102R Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA1102R
Description  3 Gbps, 2 differential-pair channel eSATA signal re-driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1102R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA1102R Datasheet HTML 6Page - STMicroelectronics STA1102R Datasheet HTML 7Page - STMicroelectronics STA1102R Datasheet HTML 8Page - STMicroelectronics STA1102R Datasheet HTML 9Page - STMicroelectronics STA1102R Datasheet HTML 10Page - STMicroelectronics STA1102R Datasheet HTML 11Page - STMicroelectronics STA1102R Datasheet HTML 12Page - STMicroelectronics STA1102R Datasheet HTML 13Page - STMicroelectronics STA1102R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Absolute maximum ratings
STA1102R
10/18
Doc ID 16470 Rev 5
5
Absolute maximum ratings
Absolute maximum ratings are those values above which damage to the device may occur.
Functional operation under these conditions is not implied. All voltages are referenced to
GND.
6
Thermal data
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage to ground
-0.5 to + 4.0
V
VI
Differential pair IOs voltage range
-0.5 to + 4.0
V
Control IOs voltage range
-0.5 to + 4.0
V
TSTG
Storage temperature
-65 to + 150
°C
VESD
Electrostatic discharge voltage
(human body model JESD22-
A114C.01)
Differential input and output
data pins
±12
kV
All other pins
±8
Table 6.
QFN20 package thermal data
Symbol
Parameter
QFN20
Unit
θJA
Thermal coefficient (junction-ambient)
45
°C/
Ω
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com