Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1102R Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA1102R
Description  3 Gbps, 2 differential-pair channel eSATA signal re-driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1102R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA1102R Datasheet HTML 3Page - STMicroelectronics STA1102R Datasheet HTML 4Page - STMicroelectronics STA1102R Datasheet HTML 5Page - STMicroelectronics STA1102R Datasheet HTML 6Page - STMicroelectronics STA1102R Datasheet HTML 7Page - STMicroelectronics STA1102R Datasheet HTML 8Page - STMicroelectronics STA1102R Datasheet HTML 9Page - STMicroelectronics STA1102R Datasheet HTML 10Page - STMicroelectronics STA1102R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STA1102R
Functional description
Doc ID 16470 Rev 5
7/18
3
Functional description
3.1
Equalizer
The adjustable input equalizer reduces system jitter and attenuation from long or lossy
cables. Shaping is performed by the gain stage of the equalizer to compensate the signal.
Note:
9 dB EQ is useful for signal recovery over long PCB track, e.g. 10” FR4.
3.2
Pre-emphasis
The STA1102R provides at each output a differential pair of 1-bit programmable pre-
emphasis to compensate for losses across long PCB tracks and interconnects after the re-
driver output. Below, the truth table of the pre-emphasis control is shown:
Table 3.
Input equalizer truth table
EN
E1
E2
Function
0x
x
Low power mode:
input stage disabled for minimum power consumption
100
Normal operation mode:
both CH1 and CH2 7dB EQ
101
Normal operation mode:
CH1 7dB EQ; CH2 9dB EQ
110
Normal operation mode:
CH1 9dB EQ; CH2 7dB EQ
111
Normal operation mode:
both CH1 and CH2 9dB EQ
Table 4.
Pre-emphasis truth table
EN
D1
D2
Functions
0xx
Low power mode:
output driver disabled; output driven to HiZ
10
0
Normal operation mode:
both CH1 and CH2 0 dB pre-emphasis
10
1
Normal operation mode:
CH1 0 dB pre-emphasis; CH2 2.5 dB pre-emphasis
11
0
Normal operation mode:
CH1 2.5 dB pre-emphasis; CH2 0 dB pre-emphasis
11
1
Normal operation mode:
both CH1 and CH2 2.5 dB pre-emphasis
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com