Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1102R Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA1102R
Description  3 Gbps, 2 differential-pair channel eSATA signal re-driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1102R Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA1102R Datasheet HTML 10Page - STMicroelectronics STA1102R Datasheet HTML 11Page - STMicroelectronics STA1102R Datasheet HTML 12Page - STMicroelectronics STA1102R Datasheet HTML 13Page - STMicroelectronics STA1102R Datasheet HTML 14Page - STMicroelectronics STA1102R Datasheet HTML 15Page - STMicroelectronics STA1102R Datasheet HTML 16Page - STMicroelectronics STA1102R Datasheet HTML 17Page - STMicroelectronics STA1102R Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package information
STA1102R
14/18
Doc ID 16470 Rev 5
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Figure 5.
Package outline for QFN20 (4 x 4 x 0.8 mm) - pitch 0.5 mm
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com