Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1102R Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA1102R
Description  3 Gbps, 2 differential-pair channel eSATA signal re-driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1102R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA1102R Datasheet HTML 8Page - STMicroelectronics STA1102R Datasheet HTML 9Page - STMicroelectronics STA1102R Datasheet HTML 10Page - STMicroelectronics STA1102R Datasheet HTML 11Page - STMicroelectronics STA1102R Datasheet HTML 12Page - STMicroelectronics STA1102R Datasheet HTML 13Page - STMicroelectronics STA1102R Datasheet HTML 14Page - STMicroelectronics STA1102R Datasheet HTML 15Page - STMicroelectronics STA1102R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Recommended operating conditions
STA1102R
12/18
Doc ID 16470 Rev 5
AC/DC specifications for receiver
VDIFF_RX
Differential input peak-to-peak
voltage
DR = 3.0 Gbps
200
-
1600
mVpp
VCM_RX
Common mode voltage
-
-
0
-
V
ZDIFF_RX Differential input impedance
-
85
100
115
Ω
ZSE_RX
Single-ended input impedance
-
40
-
-
Ω
RLDIFF_RX Differential input return loss
f = 100 MHz to 300 MHz
18
-
-
dB
f = 300 MHz to 600 MHz
14
-
-
dB
f = 600 MHz to 1200 MHz
10
-
-
dB
f = 1.2 GHz to 2.4 GHz
8
-
-
dB
f = 2.4 GHz to 3.0 GHz
3
-
-
dB
Table 8.
DC electrical characteristic (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 9.
AC electrical characteristic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RLCM_RX
Common mode input return
loss
f = 100 MHz to 300 MHz
5
-
-
dB
f = 300 MHz to 600 MHz
5
-
-
dB
f = 600 MHz to 1200 MHz
2
-
-
dB
f = 1.2 GHz to 2.4 GHz
1
-
-
dB
f = 2.4 GHz to 3.0 GHz
1
-
-
dB
TR/F_RX
Input rise/fall time
20% to 80%
67
-
136
ps
TSkew_RX Input differential skew
Mid-point of RX+ to mid-point of RX-
-
-
50
ps
AC/DC specifications for transmitter
VDIFF_TX
Differential output peak-to-peak
voltage
f = 1.5 GHz; D1/D2 = L
400
-
600
mVpp
f = 1.5 GHz; D1/D2 = H
600
-
800
mVpp
VCM_TX
Common mode voltage
-
-
2.1
-
V
ZDIFF_TX
Differential output impedance
-
85
100
115
Ω
ZSE_TX
Single-ended output
impedance
-40
-
-
Ω
RLDIFF_TX Differential output return loss
f = 100 MHz to 300 MHz
14
-
-
dB
f = 300 MHz to 600 MHz
8
-
-
dB
f = 600 MHz to 1200 MHz
6
-
-
dB
f = 1.2 GHz to 2.4 GHz
6
-
-
dB
f = 2.4 GHz to 3.0 GHz
3
-
-
dB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com