Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03BTPUR Datasheet (PDF) - STMicroelectronics

STOD03BTPUR Datasheet PDF - STMicroelectronics
Part # STOD03BTPUR
Download  STOD03BTPUR Download
File Size   934.59 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Step-up with LDO and inverter converters

STOD03BTPUR Datasheet (PDF)

Go To PDF Page Download Datasheet
STOD03BTPUR Datasheet PDF - STMicroelectronics

Part # STOD03BTPUR
Download  STOD03BTPUR Click to download

File Size   934.59 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Step-up with LDO and inverter converters

STOD03BTPUR Datasheet (HTML) - STMicroelectronics


STOD03BTPUR Product details

Description
The STOD03B is a dual DC-DC converter for AMOLED display panels. It integrates a step-up and an inverting DC-DC converter making it particularly suitable for battery operated products, in which the major concern is the overall system efficiency. It works in pulse skipping mode during low load conditions and PWM-MODE at 1.5 MHz frequency for medium/high load conditions. The high frequency allows the value and size of external components to be reduced. The 4.6 V output is provided by an LDO in cascade with the step-up converter. This allows a noise and ripple free positive output for the AMOLED panel to provide stable picture quality. The Enable pin allows the device to be turned off, therefore reducing the current consumption to less than 1 µA. The negative output voltage can be programmed by an MCU through a dedicated pin which implements single-wire protocol. Soft-start with controlled inrush current limit and thermal shutdown are integrated functions of the device. DFN12L (3 x 3 mm)

Features
■ Step-up with LDO and inverter converters
■ Operating input voltage range from 2.3 V to 4.8 V
■ Synchronous rectification for both DC-DC converters
■ Minimum 150 mA output current
■ LDO post regulator for 4.6 V fixed positive output to provide line and load transient response with minimum output voltage ripple
■ Programmable negative voltage by SWIRE from
■ 2.4 V to -5.4 V at 100 mV steps
■ Typical efficiency: 82%
■ Pulse skipping mode in light load condition
■ 1.5 MHz PWM mode control switching frequency
■ Enable pin for shutdown mode
■ Low quiescent current in shutdown mode
■ Soft-start with inrush current protection
■ Overtemperature protection
■ Temperature range: -40 °C to 85 °C
■ True-shutdown mode

Applications
■ Active matrix AMOLED power supply in portable devices
■ Cellular phones
■ Camcorders and digital still cameras
■ Multimedia players




Similar Part No. - STOD03BTPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
More results


Similar Description - STOD03BTPUR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7075 ANPEC-APW7075 Datasheet
428Kb / 23P
Step-Up Converter and LDO Combo
logo
Aimtron Technology
AT1305 AIMTRON-AT1305 Datasheet
461Kb / 13P
PFM Step-Up DC/DC Converter with LDO
logo
Richtek Technology Corp...
RT9901 RICHTEK-RT9901 Datasheet
482Kb / 19P
4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9902 RICHTEK-RT9902 Datasheet
514Kb / 21P
4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9907 RICHTEK-RT9907 Datasheet
472Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
logo
Eutech Microelectronics...
EUP2412 EUTECH-EUP2412 Datasheet
144Kb / 1P
500kHz Synchronous Step-Up Converter with 600mA LDO
logo
Richtek Technology Corp...
RT9907 RICHTEK-RT9907_11 Datasheet
463Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
logo
STMicroelectronics
STOD13AM STMICROELECTRONICS-STOD13AM Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
logo
Richtek Technology Corp...
RT9907 RICHTEK-RT9907_14 Datasheet
377Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
logo
Maxim Integrated Produc...
MAX8834 MAXIM-MAX8834 Datasheet
984Kb / 44P
Adaptive Step-Up Converters with 1.5A Flash Driver
Rev 2; 2/10
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com