Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03BTPUR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STOD03BTPUR
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03BTPUR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STOD03BTPUR Datasheet HTML 4Page - STMicroelectronics STOD03BTPUR Datasheet HTML 5Page - STMicroelectronics STOD03BTPUR Datasheet HTML 6Page - STMicroelectronics STOD03BTPUR Datasheet HTML 7Page - STMicroelectronics STOD03BTPUR Datasheet HTML 8Page - STMicroelectronics STOD03BTPUR Datasheet HTML 9Page - STMicroelectronics STOD03BTPUR Datasheet HTML 10Page - STMicroelectronics STOD03BTPUR Datasheet HTML 11Page - STMicroelectronics STOD03BTPUR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STOD03B
8/22
Doc ID 022613 Rev 1
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
TDMA Noise TDMA noise immunity
IO1=5 to 100mA; IO2 no load
(1)
±20
mV
IO1 MAX
Max. output current
VINA,P=2.9V to 4.8V
150
mA
VMID
Positive voltage total variation
VINA=VINP=2.9V to 4.8V;
IMID=5mA to 150mA;
IO2 no load; TJ=25°C
4.8
4.9
5.0
V
Temperature accuracy
VINA=VINP=3.7V; IMID=5mA;
IO2 no load; TJ=-40 to
+85°C;
-05
0.5
%
I-L1MAX
Step-up inductor peak
current
VMID 10% below nominal
value
11.1
A
RDSONP1
P-channel Static Drain-
source On resistance
VINA=VINP=3.7V,
ISW-P1=100mA
1.0
1.6
Ω
RDSONN1
N-channel Static Drain-
source On resistance
VINA=VINP=3.7V,
ISW-P1=100mA
0.4
0.7
Ω
Negative output
VO2
Negative output voltage
range
31 different values set by the
SWIRE pin (see SWIRE)
-5.4
-2.4
V
Negative output voltage total
variation on default value
VINA=VINP=2.9V to 4.8V;
TJ=25°C; IO2=5mA to
150mA, IO1 no load
-4.97
-4.9
-4.83
V
Temperature accuracy
VINA=VINP=3.7V; IO2=5mA;
IO2 no load;
TJ=-40°C to +85°C
-0.5
0.5
%
ΔV
O2LT
Line transient
VINA,P=3.5V to 3.0V,
IO2=100mA, TR=TF=50µs
+12
mV
ΔV
O2T
Load transient regulation
IO2=3 to 30mA and IO2=30 to
3mA, TR=TF=150µs
±20
mV
Load transient regulation
IO2=10 to 100mA and IO2=100
to 10mA, TR=TF=150µs
±25
mV
TDMA Noise TDMA noise immunity
IO2=5 to 100mA; IO1 no load
±25
mV
IO2 MAX
Maximum output current
VINA,P=2.9V to 4.8V
-150
mA
I-L2MAX
Inverting peak current
VO2 below 10% of nominal
value
-1.2
-0.9
A
RDSONP2
P-channel Static Drain-
source On resistance
VINA=VINP=3.7V;
ISW-P2=100mA
0.42
0.8
Ω
RDSONN2
N-channel Static Drain-
source On resistance
VINA=VINP=3.7V;
ISW-P2=100mA
0.43
0.8
Ω
1.
VINA,P = 4.2 to 3.7 V, 3.7 to 3.2 V, 3.4 to 2.9 V, f = 200 Hz, tON = 3.65 ms, tOFF = 1.25 ms, TR = TF = 50 µs, pulse signal.
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com