Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03BTPUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD03BTPUR
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03BTPUR Datasheet(HTML) 1 Page - STMicroelectronics

  STOD03BTPUR Datasheet HTML 1Page - STMicroelectronics STOD03BTPUR Datasheet HTML 2Page - STMicroelectronics STOD03BTPUR Datasheet HTML 3Page - STMicroelectronics STOD03BTPUR Datasheet HTML 4Page - STMicroelectronics STOD03BTPUR Datasheet HTML 5Page - STMicroelectronics STOD03BTPUR Datasheet HTML 6Page - STMicroelectronics STOD03BTPUR Datasheet HTML 7Page - STMicroelectronics STOD03BTPUR Datasheet HTML 8Page - STMicroelectronics STOD03BTPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
December 2011
Doc ID 022613 Rev 1
1/22
22
STOD03B
150 mA dual DC-DC converter with LDO
for powering AMOLED displays
Features
■ Step-up with LDO and inverter converters
■ Operating input voltage range from 2.3 V to
4.8 V
■ Synchronous rectification for both DC-DC
converters
■ Minimum 150 mA output current
■ LDO post regulator for 4.6 V fixed positive
output to provide line and load transient
response with minimum output voltage ripple
■ Programmable negative voltage by SWIRE from
- 2.4 V to -5.4 V at 100 mV steps
■ Typical efficiency: 82%
■ Pulse skipping mode in light load condition
■ 1.5 MHz PWM mode control switching
frequency
■ Enable pin for shutdown mode
■ Low quiescent current in shutdown mode
■ Soft-start with inrush current protection
■ Overtemperature protection
■ Temperature range: -40 °C to 85 °C
■ True-shutdown mode
■ Package DFN (3 x 3) 12 leads 0.6 mm height
Applications
■ Active matrix AMOLED power supply in
portable devices
■ Cellular phones
■ Camcorders and digital still cameras
■ Multimedia players
Description
The STOD03B is a dual DC-DC converter for
AMOLED display panels. It integrates a step-up
and an inverting DC-DC converter making it
particularly suitable for battery operated products,
in which the major concern is the overall system
efficiency. It works in pulse skipping mode during
low load conditions and PWM-MODE at 1.5 MHz
frequency for medium/high load conditions. The
high frequency allows the value and size of
external components to be reduced. The 4.6 V
output is provided by an LDO in cascade with the
step-up converter. This allows a noise and ripple
free positive output for the AMOLED panel to
provide stable picture quality. The Enable pin
allows the device to be turned off, therefore
reducing the current consumption to less than
1 µA. The negative output voltage can be
programmed by an MCU through a dedicated pin
which implements single-wire protocol. Soft-start
with controlled inrush current limit and thermal
shutdown are integrated functions of the device.
DFN12L (3 x 3 mm)
Table 1.
Device summary
Order code
Positive voltage
Negative voltage
Package
Packaging
STOD03BTPUR
4.6V
- 2.4V to - 5.4V
DFN12L (3 x 3mm)
3000 parts per reel
www.st.com


Similar Part No. - STOD03BTPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
More results

Similar Description - STOD03BTPUR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7075 ANPEC-APW7075 Datasheet
428Kb / 23P
Step-Up Converter and LDO Combo
logo
Aimtron Technology
AT1305 AIMTRON-AT1305 Datasheet
461Kb / 13P
PFM Step-Up DC/DC Converter with LDO
logo
Richtek Technology Corp...
RT9901 RICHTEK-RT9901 Datasheet
482Kb / 19P
4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9902 RICHTEK-RT9902 Datasheet
514Kb / 21P
4 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
RT9907 RICHTEK-RT9907 Datasheet
472Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
logo
Eutech Microelectronics...
EUP2412 EUTECH-EUP2412 Datasheet
144Kb / 1P
500kHz Synchronous Step-Up Converter with 600mA LDO
logo
Richtek Technology Corp...
RT9907 RICHTEK-RT9907_11 Datasheet
463Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
logo
STMicroelectronics
STOD13AM STMICROELECTRONICS-STOD13AM Datasheet
755Kb / 25P
Step-up and inverter converters
02-Oct-2012
logo
Richtek Technology Corp...
RT9907 RICHTEK-RT9907_14 Datasheet
377Kb / 19P
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
logo
Maxim Integrated Produc...
MAX8834 MAXIM-MAX8834 Datasheet
984Kb / 44P
Adaptive Step-Up Converters with 1.5A Flash Driver
Rev 2; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com