Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03BTPUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STOD03BTPUR
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03BTPUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STOD03BTPUR Datasheet HTML 11Page - STMicroelectronics STOD03BTPUR Datasheet HTML 12Page - STMicroelectronics STOD03BTPUR Datasheet HTML 13Page - STMicroelectronics STOD03BTPUR Datasheet HTML 14Page - STMicroelectronics STOD03BTPUR Datasheet HTML 15Page - STMicroelectronics STOD03BTPUR Datasheet HTML 16Page - STMicroelectronics STOD03BTPUR Datasheet HTML 17Page - STMicroelectronics STOD03BTPUR Datasheet HTML 18Page - STMicroelectronics STOD03BTPUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
STOD03B
Detailed description
Doc ID 022613 Rev 1
15/22
8
Detailed description
8.1
General description
The STOD03B is a high efficiency dual DC-DC converter which integrates a step-up with an
LDO and inverting power stages suitable for supplying AMOLED panels. Thanks to the high
level of integration it needs only 6 external components to operate and it achieves very high
efficiency using a synchronous rectification technique for each of the two DC-DC converters.
This topology of a boost followed by an LDO regulator offers an efficient ripple reduction
solution for loads up to 200 mA. The controller uses an average current mode technique in
order to obtain good stability and precise voltage regulation in all possible conditions of input
voltage, output voltage, and output current. In addition, the peak inductor current is
monitored in order to avoid saturation of the coils. The STOD03B implements a power
saving technique in order to maintain high efficiency at very light load and it switches to
PWM operation as the load increases, in order to guarantee the best dynamic performance
and low noise operation. The STOD03B avoids battery leakage thanks to the true-shutdown
feature and it is self protected by overtemperature. Undervoltage lockout and soft-start
guarantee proper operation during startup.
8.1.1
Multiple operation modes
Both the step-up and the inverting stage of the STOD03B operate in three different modes:
pulse skipping mode (PSM), discontinuous conduction mode (DCM), and continuous
conduction mode (CCM). It switches automatically between the three modes according to
input voltage, output current, and output voltage conditions.
Pulse skipping operation:
The STOD03B works in pulse skipping mode when the load current is below a few mA.
The load current level at which this way of operating occurs depends on input voltage only
for the step-up converter and on input voltage and negative output voltage (VO2) for the
inverting converter.
Discontinuous conduction mode:
When the load increases above some tens of mA, the STOD03B enters DCM operation.
In order to obtain this type of operation the controller must avoid the inductor current going
negative. The discontinuous mode detector (DMD) blocks sense the voltage across the
synchronous rectifiers (P1B for the step-up and N2 for the inverting) and turn off the
switches when the voltage crosses a defined threshold which, in turn, represents a certain
current in the inductor. This current can vary according to the slope of the inductor current
which depends on input voltage, inductance value, and output voltage.
Continuous conduction mode:
At medium/high output loads, the STOD03B enters full CCM at constant switching
frequency mode for each of the two DC-DC converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com