Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03BTPUR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STOD03BTPUR
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03BTPUR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STOD03BTPUR Datasheet HTML 14Page - STMicroelectronics STOD03BTPUR Datasheet HTML 15Page - STMicroelectronics STOD03BTPUR Datasheet HTML 16Page - STMicroelectronics STOD03BTPUR Datasheet HTML 17Page - STMicroelectronics STOD03BTPUR Datasheet HTML 18Page - STMicroelectronics STOD03BTPUR Datasheet HTML 19Page - STMicroelectronics STOD03BTPUR Datasheet HTML 20Page - STMicroelectronics STOD03BTPUR Datasheet HTML 21Page - STMicroelectronics STOD03BTPUR Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package mechanical data
STOD03B
18/22
Doc ID 022613 Rev 1
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.51
0.55
0.60
0.020
0.022
0.024
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D2.85
33.15
0.112
0.118
0.124
D2
1.87
2.02
2.12
0.074
0.080
0.083
E2.85
33.15
0.112
0.118
0.124
E2
1.06
1.21
1.31
0.042
0.048
0.052
e
0.45
0.018
L0.30
0.40
0.50
0.012
0.016
0.020
DFN12L (3 x 3 x 0.6 mm) mechanical data
8085116/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com