Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03BTPUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STOD03BTPUR
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03BTPUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STOD03BTPUR Datasheet HTML 9Page - STMicroelectronics STOD03BTPUR Datasheet HTML 10Page - STMicroelectronics STOD03BTPUR Datasheet HTML 11Page - STMicroelectronics STOD03BTPUR Datasheet HTML 12Page - STMicroelectronics STOD03BTPUR Datasheet HTML 13Page - STMicroelectronics STOD03BTPUR Datasheet HTML 14Page - STMicroelectronics STOD03BTPUR Datasheet HTML 15Page - STMicroelectronics STOD03BTPUR Datasheet HTML 16Page - STMicroelectronics STOD03BTPUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
STOD03B
Application information
Doc ID 022613 Rev 1
13/22
7.1.2
Input and output capacitor selection
It is recommended to use X5R or X7R low ESR ceramic capacitors as input and output
capacitors in order to filter any disturbance present in the input line and to obtain stable
operation for the two switching converters. A minimum real capacitance value of 6 µF must
be guaranteed for CMID, CO1 and CO2 in all conditions. Considering tolerance, temperature
variation and DC polarization, 2 x 10 µF, 10 V ±10% as CMID, a 10 µF 10V ±10% capacitor
as CO1 and 2 x 10 µF 10 V ±10% as CO2 can be used to achieve the needed 6 µF.
7.2
Recommended PCB layout
The STOD03B is a high frequency power switching device and therefore requires a proper
PCB layout in order to obtain the necessary stability and optimize line/load regulation and
output voltage ripple.
Analog input (VINA) and power input (VINP) must be kept separated and connected together
at the CIN pad only. The input capacitor must be as close as possible to the IC.
In order to minimize ground noise, a common ground node for power ground and a different
one for analog ground must be used. In the recommended layout, the AGND node is placed
close to CREF ground while the PGND node is centered at CIN ground. They are connected
by a separated layer routing on the bottom through vias.
The exposed pad is connected to AGND through vias.
Figure 10.
Top layer and top silk-screen (top view, not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com