Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03BTPUR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STOD03BTPUR
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03BTPUR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STOD03BTPUR Datasheet HTML 8Page - STMicroelectronics STOD03BTPUR Datasheet HTML 9Page - STMicroelectronics STOD03BTPUR Datasheet HTML 10Page - STMicroelectronics STOD03BTPUR Datasheet HTML 11Page - STMicroelectronics STOD03BTPUR Datasheet HTML 12Page - STMicroelectronics STOD03BTPUR Datasheet HTML 13Page - STMicroelectronics STOD03BTPUR Datasheet HTML 14Page - STMicroelectronics STOD03BTPUR Datasheet HTML 15Page - STMicroelectronics STOD03BTPUR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application information
STOD03B
12/22
Doc ID 022613 Rev 1
7
Application information
7.1
External passive components
7.1.1
Inductor selection
Magnetic shielded low ESR power inductors must be chosen as the key passive
components for switching converters.
For the step-up converter an inductance between 4.7 µH and 6.8 µH is recommended.
For the inverting stage the suggested inductance ranges from 3.3 µH to 4.7 µH.
It is very important to select the right inductor according to the maximum current the
inductor can handle to avoid saturation. The step-up and the inverting peak current can be
calculated as follows:
Equation 1
Equation 2
where
VMID: step-up output voltage, fixed at 4.9 V;
VO2: inverting output voltage including sign (minimum value is the absolute maximum
value);
IO: output current for both DC-DC converters;
VIN: input voltage of STOD03B;
fs: switching frequency. Use the minimum value of 1.35 MHz for the worst case;
η1: efficiency of step-up converter. Typical value is 0.70;
η2: efficiency of inverting converter. Typical value is 0.60.
The negative output voltage can be set via SWIRE at -5.4 V. Accordingly, the inductor peak
current, at the maximum load condition, increases. A proper inductor, with a saturation
current as a minimum of 1 A, is preferred.
STOD03B is capable of supplying a load current from 150 mA to 200 mA. Inductors with a
saturation current as a minimum of 1 A must be selected.
1
L
fs
V
2
)
VIN
V
(
VIN
VIN
1
I
V
I
MID
MIN
MID
MIN
MIN
OUT
MID
BOOST
PEAK
×
×
×
−
×
+
×
η
×
=
−
2
L
fs
)
VIN
2
VO
(
2
2
VO
VIN
VIN
2
xI
)
2
VO
VIN
(
I
MIN
MIN
MIN
MIN
MIN
OUT
MIN
MIN
INVERTING
PEAK
×
×
−
×
×
+
×
η
−
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com