Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1663 Datasheet (PDF) - Maxim Integrated Products

MAX1663 Datasheet PDF - Maxim Integrated Products
Part # MAX1663
Download  MAX1663 Download
File Size   148.47 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface

MAX1663 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1663 Datasheet PDF - Maxim Integrated Products

Part # MAX1663
Download  MAX1663 Click to download

File Size   148.47 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface

MAX1663 Datasheet (HTML) - Maxim Integrated Products


MAX1663 Product details

General Description

The MAX1661/MAX1662/MAX1663 serial-to-parallel/parallel-to-serial converters are intended to control external power MOSFETs in power-plane switching applications. These small, low-cost devices can be used on a system motherboard to control point-of-load switching from a 2-wire SMBus™ serial interface. Each device has three high voltage open-drain outputs that double as TTL-level logic inputs, giving them bidirectional capabilities. The I/O pins can withstand +28V, so they can control battery voltage distribution switches in notebook computers.



Features

♦ Performs Serial-to-Parallel and Parallel-to-Serial Conversions

♦ Three General-Purpose Digital Input/Output Pins(withstand +28V)

♦ SMBus 2-Wire Serial Interface

♦ Supports SMBSUS Asynchronous Suspend Mode

♦ 3µA Supply Current

♦ +2.7V to +5.5V Supply Range

♦ Space-Saving, Low-Cost 10-Pin µMAX Package



Applications

Power-Plane Switching

Point-of-Load Power-Bus Switching

Notebook and Subnotebook Computers

Desktop Computers

Smart Batteries




Similar Part No. - MAX1663

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX166 MAXIM-MAX166 Datasheet
562Kb / 12P
CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MAX1660 MAXIM-MAX1660 Datasheet
244Kb / 20P
Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
MAX1660 MAXIM-MAX1660 Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
MAX1660EEE MAXIM-MAX1660EEE Datasheet
244Kb / 20P
Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
MAX1660EEE MAXIM-MAX1660EEE Datasheet
460Kb / 19P
Digitally Controlled Fuel-Gauge Interface
2006
More results


Similar Description - MAX1663

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
PARALLEL-TO-SERIAL DATA CONVERTER
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
SERIAL-TO-PARALLEL INTERFACE
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
SN74LV8153 TI-SN74LV8153_08 Datasheet
385Kb / 16P
SERIAL-TO-PARALLEL INTERFACE
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
SERIAL-TO-PARALLEL INTERFACE
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Assmann Electronics Inc...
AK250-3-R ASSMANN-AK250-3-R Datasheet
265Kb / 1P
SERIAL TO PARALLEL
logo
Integrated Device Techn...
IDT72125 IDT-IDT72125_16 Datasheet
246Kb / 11P
CMOS PARALLEL-TO-SERIAL FIFO
logo
Renesas Technology Corp
F1950 RENESAS-F1950 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com