Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1663 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1663 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1663 Datasheet HTML 1Page - Maxim Integrated Products MAX1663 Datasheet HTML 2Page - Maxim Integrated Products MAX1663 Datasheet HTML 3Page - Maxim Integrated Products MAX1663 Datasheet HTML 4Page - Maxim Integrated Products MAX1663 Datasheet HTML 5Page - Maxim Integrated Products MAX1663 Datasheet HTML 6Page - Maxim Integrated Products MAX1663 Datasheet HTML 7Page - Maxim Integrated Products MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1663 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)
0
3.0
1.5
7.5
9.0
6.0
4.5
10.5
15.0
13.5
12.0
0
1.2 1.8
0.6
2.4 3.0 3.6 4.2 4.8 5.4 6.0
I/O_ SINK CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VI/O_ = 1.0V
VI/O_ = 0.4V
0
1.0
0.5
2.5
2.0
1.5
4.0
3.5
3.0
4.5
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
1.5
1.0
0.5
2.5
2.0
4.5
4.0
3.5
3.0
5.0
-40
-20
0
20
40
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5.5V
VCC = 2.7V
ALL I/Os OFF
10
12
14
16
18
20
22
24
26
-40
40
20
0
-20
60
80
100
I/O_ CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (°C)
VI/O_ FORCED TO 15V
VCC = 5.5V
0
10
5
20
15
30
25
35
3.0
4.0
4.5
3.5
5.0
5.5
POR DELAY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
5.0
2.5
12.5
10.0
7.5
15.0
17.5
25.0
22.5
20.0
0
6
9
3
12 15 18 21 24 27
30
I/O_ CURRENT LIMIT vs. I/O_ VOLTAGE
VI/O_ (V)
VCC = 2.7V
VCC = 5.5V
0
5
10
15
20
25
30
35
40
-40
40
20
0
-20
60
80
100
POR DELAY vs. TEMPERATURE
TEMPERATURE (°C)
0
0.3
0.2
0.1
0.5
0.4
0.9
0.8
0.7
0.6
1.0
-40
-20
0
20
40
60
80
100
I/O_ INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5.5V
VI/O_ = 15V
0
0.2
0.1
0.5
0.4
0.3
0.6
0.7
1.0
0.9
0.8
0
6
9
3
12 15 18 21 24 27
30
I/O_INPUT BIAS CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com