Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1663 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1663 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1663 Datasheet HTML 9Page - Maxim Integrated Products MAX1663 Datasheet HTML 10Page - Maxim Integrated Products MAX1663 Datasheet HTML 11Page - Maxim Integrated Products MAX1663 Datasheet HTML 12Page - Maxim Integrated Products MAX1663 Datasheet HTML 13Page - Maxim Integrated Products MAX1663 Datasheet HTML 14Page - Maxim Integrated Products MAX1663 Datasheet HTML 15Page - Maxim Integrated Products MAX1663 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Battery Switch with
Back-to-Back MOSFETs
For battery-operated applications, use back-to-back
MOSFETs to keep reverse currents from flowing from
the load to the supply (Figure 7). This protects the bat-
tery from potential damage, and isolates the load from
the power source.
LED Drivers
A MAX1661/MAX1662/MAX1663 can be used as a pro-
grammable LED driver (Figure 8). With their low quies-
cent current, these devices are ideal for use as
indicator light drivers on the front panel of a notebook
computer.
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface
12
______________________________________________________________________________________
MAX1662
MAX1663
I/O1
TO/FROM
HOST
+5V
+3.3V TO +28V
P
P
VCC
I/O3
I/O2
GND
LOAD
ALERT
0.1
µF
100k
IRF7406
IRF7406
SMBCLK
SMBDATA
SMBSUS
ADD
100
Ω*
10k
10k
10k
75k**
NOTE: I/O2 AND I/O3 CAN BE CONFIGURED SIMILARLY.
*OPTIONAL
**75k
Ω RESISTOR FOR VOLTAGES GREATER THAN +12V.
1M
Figure 7. Battery Switch with Back-to-Back MOSFETs
MAX1661
MAX1662
MAX1663
I/O1
TO/FROM
HOST
+5V
VCC
I/O3
I/O2
GND
ALERT
0.1
µF
1k
1k
1k
SMBCLK
SMBDATA
SMBSUS
ADD
100
Ω*
*OPTIONAL
10k
10k
Figure 8. LED Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com