Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1663 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1663 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1663 Datasheet HTML 3Page - Maxim Integrated Products MAX1663 Datasheet HTML 4Page - Maxim Integrated Products MAX1663 Datasheet HTML 5Page - Maxim Integrated Products MAX1663 Datasheet HTML 6Page - Maxim Integrated Products MAX1663 Datasheet HTML 7Page - Maxim Integrated Products MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1663 Datasheet HTML 9Page - Maxim Integrated Products MAX1663 Datasheet HTML 10Page - Maxim Integrated Products MAX1663 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Table 2. Format for Send-Byte Data
Send-Byte Format
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface
_______________________________________________________________________________________
7
ADDRESS
WRITE
ACK
DATA
ACK
START
CONDITION
7 bits
1 bit
(low)
1 bit
(low)
8 bits
1 bit
(low)
STOP
CONDITION
Shaded = Slave Transmission
SMBCLK
I/O
A
B
C
D
E
F
G
H
I
J
K
SMBDATA
tSU:STA
tHD:STA
tLOW
tHIGH
tSU:DAT
tHD:DAT
tSU:STO tBUF
A = START CONDITION
B = MSB OF ADDRESS CLOCKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W BIT CLOCKED INTO SLAVE
E = SLAVE PULLS SMBDATA LINE LOW
L
M
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO SLAVE (OP/SUS BIT)
H = LSB OF DATA CLOCKED INTO SLAVE
I = SLAVE PULLS SMBDATA LINE LOW
J = ACKNOWLEDGE CLOCKED INTO MASTER
K = ACKNOWLEDGE CLOCK PULSE
L = STOP CONDITION, DATA EXECUTED BY SLAVE
M = NEW START CONDITION
tP: I/O
Figure 2a. SMBus Send-Byte Timing Diagram and Format
BIT
NAME
POR STATE*
(MAX1661)
POR STATE*
(MAX1662/MAX1663)
FUNCTION
7 (MSB)
SELECT
N/A
N/A
Writes data to normal register when high; writes data to suspend
register when low.
6
Mask SS
1
1
Masks START-STOP software interrupts when high.
5
Mask 3
1
1
Masks I/O3 interrupts when high.
4
Mask 2
1
1
Masks I/O2 interrupts when high.
3
Mask 1
1
1
Masks I/O1 interrupts when high.
2
I/O3
0
1
I/O output enable bit. I/O3 is on when this bit is low (low state).
1
I/O2
0
1
I/O output enable bit. I/O2 is on when this bit is low (low state).
0
I/O1
0
1
I/O output enable bit. I/O1 is on when this bit is low (low state).
*
Note: POR states apply to both suspend- and normal-mode registers.
current I/O pin states (i.e., they are not latched). There
is a 15µs data-setup time requirement, due to the slow
level translators needed for high-voltage (28V) opera-
tion. Data-hold time is zero.
Interrupts
The MAX1661/MAX1662/MAX1663 generate interrupts
(hardware and software) whenever the logic states of
the I/O pins change or when thermal shutdown occurs.
Interrupts are signaled with the hardware ALERT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com