Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1663 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1663 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1663 Datasheet HTML 5Page - Maxim Integrated Products MAX1663 Datasheet HTML 6Page - Maxim Integrated Products MAX1663 Datasheet HTML 7Page - Maxim Integrated Products MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1663 Datasheet HTML 9Page - Maxim Integrated Products MAX1663 Datasheet HTML 10Page - Maxim Integrated Products MAX1663 Datasheet HTML 11Page - Maxim Integrated Products MAX1663 Datasheet HTML 12Page - Maxim Integrated Products MAX1663 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
rupt, the host (Bus Master) interrogates the bus slave
devices via a special receive-byte operation that
includes the alert response address. The data returned
by this receive-byte operation is the address of the
offending slave device. The interrupt pointer address
can activate several different slave devices simultane-
ously. If more than one slave attempts to respond, bus
arbitration rules apply, with the lowest address code
going first. The other device(s) will not generate an
acknowledge and will continue to hold the ALERT line
low or repeat the START-STOP interrupt until serviced.
Clearing Interrupts via Alert Response
When a fault occurs, ALERT asserts and latches low. If
the fault is momentary and disappears before the
device is serviced, ALERT remains asserted. Normally,
the master sends out the Alert Response address fol-
lowed by a read bit (00011001). ALERT clears when
the device responds by successfully putting its
address on the bus. Reading the Alert Response
address is the
only method for clearing hardware
and software interrupt latches. Clearing the interrupt
has no effect on the state of the status registers.
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface
_______________________________________________________________________________________
9
tDV
tDV
SMBCLK
R/W BIT
CLOCKED
INTO SLAVE
ACKNOWLEDGE BIT
CLOCKED
INTO MASTER
MOST SIGNIFICANT
BIT OF DATA
CLOCKED INTO MASTER
SLAVE PULLING
SMBDATA LOW
SMBDATA
• • •
• • •
Figure 3. SMB Serial-Interface Timing—Acknowledge and Data Valid
START
ADDRESS
MSB
ADDRESS
LSB
SLAVE PULLS
SMBDATA LOW
4 ZEROS (NOT USED)
THSD
DATA3
DATA2 DATA1
SLAVE
ACKNOWLEDGE
I/O
LATCHED
DATA
MSB
DATA LSB
SMBCLK
SMBDATA
R/W BIT
tSU:I/O
(NOTE 1)
NOTE 1: THE SETUP AND HOLD TIMING LIMITS ARE ABSOLUTE LIMITS
(15
µs MIN AND 0µs MIN, RESPECTIVELY) AND DO NOT NECESSARILY
CORRESPOND TO A PARTICULAR CLOCK EDGE.
(NOTE 1)
tHD:I/O
SLAVE
ACKNOWLEDGE
(ACK)
Figure 4. I/O Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com