Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1663 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1663 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1663 Datasheet HTML 7Page - Maxim Integrated Products MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1663 Datasheet HTML 9Page - Maxim Integrated Products MAX1663 Datasheet HTML 10Page - Maxim Integrated Products MAX1663 Datasheet HTML 11Page - Maxim Integrated Products MAX1663 Datasheet HTML 12Page - Maxim Integrated Products MAX1663 Datasheet HTML 13Page - Maxim Integrated Products MAX1663 Datasheet HTML 14Page - Maxim Integrated Products MAX1663 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
__________Applications Information
Bypassing and Grounding Considerations
Voltage transients exceeding 500mV at 25V/µs may
trigger a false interrupt and thermal-shutdown indica-
tion. If large VCC transients are expected, add a 100Ω
resistor in series with VCC. Retain the 0.1µF capacitor
from VCC to GND to act as a filter.
P-Channel/N-Channel Load Switch
with Controlled Turn-On
For a more controlled voltage-switching application,
add a series resistor to slow the switch turn-on time.
The external MOSFET gate has typical capacitance of
150pF to 2000pF, but an optional external capaci-
tance can be added to further slow the switching time
(Figure 6).
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface
______________________________________________________________________________________
11
MAX1662
MAX1663
I/O1
TO/FROM
HOST
+5V
VCC
I/O3
I/O2
GND
LOAD1
LOAD2
LOAD3
ALERT
0.1
µF
0.01
µF*
0.01
µF*
0.01
µF*
0.01
µF*
0.01
µF*
0.01
µF*
IRF7406
IRF7413
IRF7406
IRF7413
IRF7406
IRF7413
+12V
10k
10k
10k
SMBCLK
SMBDATA
SMBSUS
ADD
MAX1661
I/O1
TO/FROM
HOST
+5V
VCC
I/O3
I/O2
GND
LOAD1
LOAD2
LOAD3
ALERT
0.1
µF
10k
100
Ω*
100
Ω*
10k
10k
10k
10k
10k
10k
10k
10k
200k
200k
200k
200k
200k
200k
SMBCLK
SMBDATA
SMBSUS
ADD
*OPTIONAL
Figure 6. Load Switch with Controlled Turn-On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com