Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1663 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1663
Description  Serial-to-Parallel/Parallel-to-Serial Converters and Load-Switch Controllers with SMBus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1663 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1663 Datasheet HTML 8Page - Maxim Integrated Products MAX1663 Datasheet HTML 9Page - Maxim Integrated Products MAX1663 Datasheet HTML 10Page - Maxim Integrated Products MAX1663 Datasheet HTML 11Page - Maxim Integrated Products MAX1663 Datasheet HTML 12Page - Maxim Integrated Products MAX1663 Datasheet HTML 13Page - Maxim Integrated Products MAX1663 Datasheet HTML 14Page - Maxim Integrated Products MAX1663 Datasheet HTML 15Page - Maxim Integrated Products MAX1663 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Mechanical Switch Monitor
The ability of the MAX1661/MAX1662/MAX1663 to read
back the logic state of the I/Os makes them suitable for
checking system status. They can be used as an
“open-lid indicator”, sensing a change in the I/O and
sending an interrupt to the master to indicate a change
in status (Figure 9). The same can be done to detect a
chassis intrusion.
Simple High-Voltage Switch
For applications requiring a higher voltage, use a sim-
ple resistive divider to protect the gate from breakdown
yet allow the MOSFETs to handle higher-voltage appli-
cations (Figure 10).
Serial-to-Parallel/Parallel-to-Serial Converters and
Load-Switch Controllers with SMBus Interface
______________________________________________________________________________________
13
MAX1661
MAX1662
MAX1663
I/O1
TO/FROM
HOST
+5V
VCC
I/O3
I/O2
GND
ALERT
0.1
µF
100k
100k
100k
SMBCLK
SMBDATA
SMBSUS
ADD
100
Ω*
*OPTIONAL
10k
10k
10k
Figure 9. Open-Lid Detect or Chassis Intrusion Detector
MAX1662
MAX1663
I/O1
TO/FROM
HOST
+5V
VCC
I/O3
I/O2
GND
LOAD
ALERT
0.1
µF
0.01
µF*
IRF7406
VIN = 10V TO 28V
200k
SMBCLK
SMBDATA
SMBSUS
ADD
100
Ω*
*OPTIONAL
I/O2 AND I/O3 CAN BE CONFIGURED SIMILIARLY.
10k
10k
10k
200k
Figure 10. Simple High-Voltage Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com