Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS3D6N10MCL Datasheet (PDF) - ON Semiconductor

Part # NTMFS3D6N10MCL
Description  MOSFET - Power, Single N-Channel 100 V, 3.6 m, 131 A
File Size   171.13 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS3D6N10MCL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFS3D6N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS3D0N08X ONSEMI-NTMFS3D0N08X Datasheet
149Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.6 m, 154 A
November, 2023 - Rev. 0
NTMFS3D0N08XT1G ONSEMI-NTMFS3D0N08XT1G Datasheet
149Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.6 m, 154 A
November, 2023 - Rev. 0
NTMFS3D1N04XM ONSEMI-NTMFS3D1N04XM Datasheet
217Kb / 7P
MOSFET – Power, Single N-Channel, SO8FL 40 V, 3.1 m, 83 A
pril, 2024 - Rev. 1
NTMFS3D2N10MD ONSEMI-NTMFS3D2N10MD Datasheet
202Kb / 8P
MOSFET ??Power, Single, N-Channel 100 V, 3.5 m, 142 A
June, 2021 ??Rev. 0
NTMFS3D5N08X ONSEMI-NTMFS3D5N08X Datasheet
147Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3 m, 135 A
November, 2023 - Rev. 1
More results


Similar Description - NTMFS3D6N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS3D6N10MCL ONSEMI-NVMFS3D6N10MCL Datasheet
162Kb / 6P
MOSFET - Power, Single N-Channel 100 V, 3.6 m, 132 A
April, 2020 ??Rev. 2
NTMC083NP10M5L ONSEMI-NTMC083NP10M5L Datasheet
360Kb / 12P
MOSFET - Power, Dual N- & P-Channel, SO8 100 V, 83 m, 4.5 A, -100 V, 131 m, -3.6 A
May, 2021 ??Rev. 1
NTMFS002N10MCL ONSEMI-NTMFS002N10MCL Datasheet
129Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 175 A
October, 2021 ??Rev. 1
NTMTS002N10MC ONSEMI-NTMTS002N10MC Datasheet
320Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0
NTMTSC002N10MC ONSEMI-NTMTSC002N10MC Datasheet
273Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.0 m, 236 A
September, 2021-Rev. 1
NTMTSC1D6N10MC ONSEMI-NTMTSC1D6N10MC Datasheet
262Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 267 A
September, 2021-Rev. 1
NTMYS4D1N06CL ONSEMI-NTMYS4D1N06CL Datasheet
333Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.0 m, 100 A
November, 2019-Rev. 1
NTTFS012N10MD ONSEMI-NTTFS012N10MD Datasheet
267Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14.4 m, 45 A
June, 2021 ??Rev. 1
NVCR4LS3D6N08M7A ONSEMI-NVCR4LS3D6N08M7A Datasheet
390Kb / 6P
MOSFET ??Power, N-Channel 80 V, 3.6 m
February, 2022 ??Rev. 0
NVMYS016N10MCL ONSEMI-NVMYS016N10MCL Datasheet
228Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com