Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet (PDF) - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
File Size   625.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet (PDF) - Analog Devices



Similar Part No. - ADPA7009CHIP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7009-2 AD-ADPA7009-2 Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
ADPA7009-2-EVALZ AD-ADPA7009-2-EVALZ Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
ADPA7009-2ACEZ AD-ADPA7009-2ACEZ Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
ADPA7009-2ACEZ-R7 AD-ADPA7009-2ACEZ-R7 Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
More results


Similar Description - ADPA7009CHIP

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC464 HITTITE-HMC464_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC464LP5 HITTITE-HMC464LP5_09 Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
logo
Analog Devices
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
>1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
11/2018-Rev. A to Rev. B
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
ADPA7009-2 AD-ADPA7009-2 Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com