Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 5 Page - Analog Devices

  ADPA7009CHIP Datasheet HTML 1Page - Analog Devices ADPA7009CHIP Datasheet HTML 2Page - Analog Devices ADPA7009CHIP Datasheet HTML 3Page - Analog Devices ADPA7009CHIP Datasheet HTML 4Page - Analog Devices ADPA7009CHIP Datasheet HTML 5Page - Analog Devices ADPA7009CHIP Datasheet HTML 6Page - Analog Devices ADPA7009CHIP Datasheet HTML 7Page - Analog Devices ADPA7009CHIP Datasheet HTML 8Page - Analog Devices ADPA7009CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADPA7009CHIP
Rev. 0 | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Drain Bias Voltage (VDDx)
6.0 V
VGGx
−1.6 V to 0 V
RF Input Power (RFIN)
20 dBm
Continuous Power Dissipation (PDISS),
TA = 85°C (Derate 85 mW/°C Above 85°C)
7.7 W
Junction Temperature to Maintain
1,000,000 Hour Mean Time to Failure
(MTTF)
175°C
Nominal Junction Temperature (TJ = 85°C,
VDD = 5 V, IDQ = 750 mA)
129°C
Temperature Range
Storage
−65°C to +150°C
Operating
−55°C to +85°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to the carrier or
substrate on which the die is mounted. Careful attention is
needed with each material used in the thermal path below the
IC.
θJC is the channel to case thermal resistance, channel to bottom
of die using die attach epoxy.
Table 6. Thermal Resistance
Package Type
θJC
Unit
C-10-13
11.7
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADPA7009CHIP
Table 7. ADPA7009CHIP, 10-Pad Die
ESD Model
Withstand Threshold (V)
Class
HBM
±500
1B
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com