Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 13Page - Analog Devices ADPA7009CHIP Datasheet HTML 14Page - Analog Devices ADPA7009CHIP Datasheet HTML 15Page - Analog Devices ADPA7009CHIP Datasheet HTML 16Page - Analog Devices ADPA7009CHIP Datasheet HTML 17Page - Analog Devices ADPA7009CHIP Datasheet HTML 18Page - Analog Devices ADPA7009CHIP Datasheet HTML 19Page - Analog Devices ADPA7009CHIP Datasheet HTML 20Page - Analog Devices ADPA7009CHIP Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADPA7009CHIP
Rev. 0 | Page 17 of 28
40
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
650mA
550mA
450mA
Figure 63. Output IP3 vs. Frequency for Various IDQ Currents,
POUT per Tone = 14 dBm, VDD = 3 V
40
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
750mA
650mA
550mA
Figure 64. Output IP3 vs. Frequency for Various IDQ Currents,
POUT per Tone = 14 dBm, VDD = 4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com