Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 24 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 24 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 20Page - Analog Devices ADPA7009CHIP Datasheet HTML 21Page - Analog Devices ADPA7009CHIP Datasheet HTML 22Page - Analog Devices ADPA7009CHIP Datasheet HTML 23Page - Analog Devices ADPA7009CHIP Datasheet HTML 24Page - Analog Devices ADPA7009CHIP Datasheet HTML 25Page - Analog Devices ADPA7009CHIP Datasheet HTML 26Page - Analog Devices ADPA7009CHIP Datasheet HTML 27Page - Analog Devices ADPA7009CHIP Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADPA7009CHIP
Data Sheet
Rev. 0 | Page 24 of 28
CONSTANT IDD OPERATION
TA = 25°C, VDD = 5 V, IDD = 850 mA for nominal operation, unless otherwise noted. Figure 71 to Figure 78 are biased with the
HMC980LP4E active bias controller. See the Biasing the ADPA7009CHIP with the HMC980LP4E section for biasing details.
36
10
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
+85°C
+25°C
–55°C
12
14
16
18
20
22
24
26
28
30
32
34
Figure 71. P1dB vs. Frequency for Various Temperatures, VDD = 5 V,
Data Measured with Constant IDD
36
10
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
12
14
16
18
20
22
24
26
28
30
32
34
+85°C
+25°C
–55°C
Figure 72. PSAT vs. Frequency for Various Temperatures, VDD = 5 V,
Data Measured with Constant IDD
36
10
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
12
14
16
18
20
22
24
26
28
30
32
34
950mA
850mA
750mA
Figure 73. P1dB vs. Frequency for Various Drain Currents, VDD = 5 V,
Data Measured with Constant IDD
36
10
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
12
14
16
18
20
22
24
26
28
30
32
34
950mA
850mA
750mA
Figure 74. PSAT vs. Frequency for Various Drain Currents, VDD = 5 V,
Data Measured with Constant IDD
1000
700
–5
13
INPUT POWER (dBm)
750
800
850
900
950
–3
–1
1
3
5
7
9
11
CONSTANT GATE VOLTAGE
CONSTANT DRAIN CURRENT
Figure 75. IDD vs. Input Power, VDD = 5 V, Frequency = 36 GHz,
Constant Drain Current Bias (IDRAIN Setpoint = 850 mA) and Constant Gate
Voltage Bias (VGGx ≈ −0.63 V)
20
0
–5
13
INPUT POWER (dBm)
2
4
6
8
10
12
14
16
18
–3
–1
1
3
5
7
9
11
CONSTANT GATE VOLTAGE
CONSTANT DRAIN CURRENT
Figure 76. PAE vs. Input Power, VDD = 5 V, Frequency = 36 GHz, Constant
Drain Current Bias (IDRAIN Setpoint = 850 mA) and Constant Gate Voltage
Bias (VGGx ≈ −0.63 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com