Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 28 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 28 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 20Page - Analog Devices ADPA7009CHIP Datasheet HTML 21Page - Analog Devices ADPA7009CHIP Datasheet HTML 22Page - Analog Devices ADPA7009CHIP Datasheet HTML 23Page - Analog Devices ADPA7009CHIP Datasheet HTML 24Page - Analog Devices ADPA7009CHIP Datasheet HTML 25Page - Analog Devices ADPA7009CHIP Datasheet HTML 26Page - Analog Devices ADPA7009CHIP Datasheet HTML 27Page - Analog Devices ADPA7009CHIP Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ADPA7009CHIP
Data Sheet
Rev. 0 | Page 28 of 28
OUTLINE DIMENSIONS
2.750
1.845
*This die utilizes fragile air bridges. Any pickup tools used must not contact this area.
TOP VIEW
(CIRCUIT SIDE)
SIDE VIEW
0.572
0.108
0.114
0.389
0.389
0.460
0.112
0.354
0.255
0.179
0.220
0.179
0.255
0.175
0.130
0.898
0.102
0.644
0.786
0.197
0.197
0.653
0.890
0.100 × 0.100
(Pads 2, 3, 5, 7, 9, 10)
0.240
0.130
0.119
0.118
0.093
0.012
0.898
0.100 × 0.200
(Pads 1 and 6)
0.150 × 0.100
(Pads 4 and 8)
*AIR BRIDGE
AREA
0.104
(Pads 2 - 5)
0.105
(Pads 7 - 10)
0.102
Figure 82. 10-Pad Bare Die [CHIP]
(C-10-13)
Dimensions shown in millimeter
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADPA7009CHIP
−55°C to +85°C
10-Pad Bare Die [CHIP]
C-10-13
ADPA7009C-KIT
−55°C to +85°C
10-Pad Bare Die [CHIP]
C-10-13
1 The ADPA7009CHIP and ADPA7009C-KIT are RoHS compliant parts.
2 Die inspected to meet MIL-STD-883 Method 2010, Condition B.
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D26020-3/21(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com