Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 2Page - Analog Devices ADPA7009CHIP Datasheet HTML 3Page - Analog Devices ADPA7009CHIP Datasheet HTML 4Page - Analog Devices ADPA7009CHIP Datasheet HTML 5Page - Analog Devices ADPA7009CHIP Datasheet HTML 6Page - Analog Devices ADPA7009CHIP Datasheet HTML 7Page - Analog Devices ADPA7009CHIP Datasheet HTML 8Page - Analog Devices ADPA7009CHIP Datasheet HTML 9Page - Analog Devices ADPA7009CHIP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADPA7009CHIP
Data Sheet
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VREF
5
VDD2
4
VDD1
3
VGG1
2
RFIN
1
VGG2
10
VDD3
9
VDD4
8
VDET
7
RFOUT
6
ADPA7009CHIP
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Signal Input. This pad is ac-coupled and matched to 50 Ω. See Figure 6 for the interface schematic.
2, 10
VGG1, VGG2
Amplifier Gate Controls. External bypass capacitors of 4.7 µF, 0.01 µF, and 100 pF are required for these pads.
Adjust VGGx from −1.5 V to 0 V to achieve the desired quiescent current. See Figure 7 for the interface schematic.
3, 4, 8, 9
VDD1, VDD2,
VDD4, VDD3
Drain Biases for the Amplifier. External bypass capacitors of 4.7 µF, 0.01 µF, and 100 pF are required for these
pads. See Figure 9 for the interface schematic.
5
VREF
Reference Diode Voltage. Use this pad for temperature compensation of the VDET RF output power
measurements. Used in combination with VDET, this voltage provides temperature compensation to the
VDET RF output power measurements. See Figure 4 for the interface schematic.
6
RFOUT
RF Signal Output. This pad is ac-coupled and matched to 50 Ω. See Figure 8 for the interface schematic.
7
VDET
Detector Diode Used for Measuring the RF Output Power. Detection via this pad requires the application of a
dc bias voltage through an external series resistor. Used in combination with VREF, the difference detector
voltage, VREF − VDET, is a temperature compensated dc voltage proportional to the RF output power. See
Figure 5 for the interface schematic.
Die Bottom
GND
Ground. The die bottom must be connected to RF and dc ground. See Figure 3 for the interface schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com