Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 14Page - Analog Devices ADPA7009CHIP Datasheet HTML 15Page - Analog Devices ADPA7009CHIP Datasheet HTML 16Page - Analog Devices ADPA7009CHIP Datasheet HTML 17Page - Analog Devices ADPA7009CHIP Datasheet HTML 18Page - Analog Devices ADPA7009CHIP Datasheet HTML 19Page - Analog Devices ADPA7009CHIP Datasheet HTML 20Page - Analog Devices ADPA7009CHIP Datasheet HTML 21Page - Analog Devices ADPA7009CHIP Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADPA7009CHIP
Data Sheet
Rev. 0 | Page 18 of 28
THEORY OF OPERATION
The architecture of the ADPA7009CHIP, a medium power
amplifier, is shown in Figure 65. The ADPA7009CHIP uses a
cascaded, four-stage amplifier operating in quadrature between
two 90° hybrids.
The input signal is divided evenly in two. Each path is amplified
through four independent gain stages. The amplified signals are
then combined at the output. This balanced amplifier approach
forms an amplifier with a combined gain of 19.5 dB and a PSAT
value of 29 dBm. The gate pins are internally connected and
can be biased from either north or south of the circuit.
A portion of the RF output signal is directionally coupled to a
diode for detection of the RF output power. When the diode is
dc biased, the diode rectifies the RF power and makes the RF
power available for measurement as a dc voltage at VDET. To
allow temperature compensation of VDET, an identical and
symmetrically located circuit, minus the coupled RF power, is
available via VREF. Taking the difference of VREF − VDET
provides a temperature compensated signal that is proportional
to the RF output (see Figure 65).
VDD2 VDD4
RFOUT
VREF
DIRECTIONAL
COUPLER
VGG1 VGG2
VDD1
VDD3
RFIN
VDET
Figure 65. ADPA7009CHIP Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com