Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 7Page - Analog Devices ADPA7009CHIP Datasheet HTML 8Page - Analog Devices ADPA7009CHIP Datasheet HTML 9Page - Analog Devices ADPA7009CHIP Datasheet HTML 10Page - Analog Devices ADPA7009CHIP Datasheet HTML 11Page - Analog Devices ADPA7009CHIP Datasheet HTML 12Page - Analog Devices ADPA7009CHIP Datasheet HTML 13Page - Analog Devices ADPA7009CHIP Datasheet HTML 14Page - Analog Devices ADPA7009CHIP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADPA7009CHIP
Rev. 0 | Page 11 of 28
23
3
5
7
9
11
13
15
17
19
21
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
+85°C
+25°C
–55°C
Figure 28. Power Added Efficiency (PAE) vs. Frequency for Various
Temperatures, VDD = 5 V, IDQ = 750 mA, PAE at PSAT (dBm)
23
3
5
7
9
11
13
15
17
19
21
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
950mA
850mA
750mA
650mA
550mA
Figure 29. PAE vs. Frequency for Various IDQ Currents,
VDD = 5 V, PAE at PSAT (dBm)
–10
10
12
14
30
0
INPUT POWER (dBm)
5
10
15
20
25
POUT
GAIN
PAE
IDD
1300
1200
700
–8
–6
–4
–2
0
2
4
6
8
800
900
1000
1100
Figure 30. POUT, Gain, PAE, and Drain Current with RF Applied (IDD) vs. Input
Power, 26 GHz, VDD = 5 V, IDQ = 750 mA
23
3
5
7
9
11
13
15
17
19
21
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
5V
4V
Figure 31. PAE vs. Frequency for Various Supply Voltages,
IDQ = 750 mA, PAE at PSAT (dBm)
–10
14
35
0
INPUT POWER (dBm)
5
10
15
20
25
30
POUT
GAIN
PAE
IDD
1050
700
–8
–6
–4
–2
0
2
4
6
8
10
12
750
800
850
900
950
1000
Figure 32. POUT, Gain, PAE, and IDD vs. Input Power, 22 GHz, VDD = 5 V,
IDQ = 750 mA
–10
14
35
0
INPUT POWER (dBm)
5
10
15
20
25
30
POUT
GAIN
PAE
IDD
1050
700
–8
–6
–4
–2
0
2
4
6
8
10
12
750
800
850
900
950
1000
Figure 33. POUT, Gain, PAE, and IDD vs. Input Power, 30 GHz, VDD = 5 V,
IDQ = 750 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com