Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 8Page - Analog Devices ADPA7009CHIP Datasheet HTML 9Page - Analog Devices ADPA7009CHIP Datasheet HTML 10Page - Analog Devices ADPA7009CHIP Datasheet HTML 11Page - Analog Devices ADPA7009CHIP Datasheet HTML 12Page - Analog Devices ADPA7009CHIP Datasheet HTML 13Page - Analog Devices ADPA7009CHIP Datasheet HTML 14Page - Analog Devices ADPA7009CHIP Datasheet HTML 15Page - Analog Devices ADPA7009CHIP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADPA7009CHIP
Data Sheet
Rev. 0 | Page 12 of 28
–10
14
35
0
INPUT POWER (dBm)
5
10
15
20
25
30
POUT
GAIN
PAE
IDD
1050
700
–8
–6
–4
–2
0
2
4
6
8
10
12
750
800
850
900
950
1000
Figure 34. POUT, Gain, PAE, and IDD vs. Input Power, 36 GHz, VDD = 5 V,
IDQ = 750 mA
35
0
–9
13
11
INPUT POWER (dBm)
5
10
15
20
25
30
POUT
GAIN
PAE
IDD
1050
700
–7
–5
–3
–1
1
3
5
7
9
750
800
850
900
950
1000
Figure 35. POUT, Gain, PAE, and IDD vs. Input Power, 44 GHz, VDD = 5 V,
IDQ = 750 mA
5.0
3.4
–10
14
INPUT POWER AT 85°C
3.6
3.8
4.0
4.2
4.4
4.6
4.8
–8
–6
–4
–2
0
2
4
6
8
10
12
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
Figure 36. PDISS vs. Input Power for Various Frequencies at TA = 85°C,
VDD = 5 V, IDQ = 750 mA
35
0
–9
13
11
INPUT POWER (dBm)
5
10
15
20
25
30
POUT
GAIN
PAE
IDD
1050
700
–7
–5
–3
–1
1
3
5
7
9
750
800
850
900
950
1000
Figure 37. POUT, Gain, PAE, and IDD vs. Input Power, 40 GHz, VDD = 5 V,
IDQ = 750 mA
–9
11
30
0
INPUT POWER (dBm)
5
10
15
20
25
POUT
GAIN
PAE
IDD
1300
1200
700
–7
–5
–3
–1
1
3
5
7
9
800
900
1000
1100
Figure 38. POUT, Gain, PAE, and IDD vs. Input Power, 50 GHz, VDD = 5 V,
IDQ = 750 mA
40
10
18
56
FREQUENCY (GHz)
–20°C
–40°C
–55°C
12
14
16
18
20
22
24
26
28
30
32
34
36
38
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
Figure 39. Output IP3 vs. Frequency at −20°C, −40°C, and −55°C,
POUT per Tone = 14 dBm, VDD = 5 V, IDQ = 750 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com