Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 11Page - Analog Devices ADPA7009CHIP Datasheet HTML 12Page - Analog Devices ADPA7009CHIP Datasheet HTML 13Page - Analog Devices ADPA7009CHIP Datasheet HTML 14Page - Analog Devices ADPA7009CHIP Datasheet HTML 15Page - Analog Devices ADPA7009CHIP Datasheet HTML 16Page - Analog Devices ADPA7009CHIP Datasheet HTML 17Page - Analog Devices ADPA7009CHIP Datasheet HTML 18Page - Analog Devices ADPA7009CHIP Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADPA7009CHIP
Rev. 0 | Page 15 of 28
LOWER BIAS OPERATION
26
0
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
650mA
550mA
450mA
2
4
6
8
10
12
14
16
18
20
22
24
Figure 51. Gain vs. Frequency for Various IDQ Currents, VDD = 3 V
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
0
–25
–20
–15
–10
–5
650mA
550mA
450mA
Figure 52. Input Return Loss vs. Frequency for Various IDQ Currents,
VDD = 3 V
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
0
–25
–20
–15
–10
–5
650mA
550mA
450mA
Figure 53. Output Return Loss vs. Frequency for Various IDQ Currents,
VDD = 3 V
26
0
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
750mA
650mA
550mA
2
4
6
8
10
12
14
16
18
20
22
24
Figure 54. Gain vs. Frequency for Various IDQ Currents, VDD = 4 V
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
0
–25
–20
–15
–10
–5
750mA
650mA
550mA
Figure 55. Input Return Loss vs. Frequency for Various IDQ Currents,
VDD = 4 V
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
0
–25
–20
–15
–10
–5
750mA
650mA
550mA
Figure 56. Output Return Loss vs. Frequency for Various IDQ Currents,
VDD = 4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com