Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 27 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 20Page - Analog Devices ADPA7009CHIP Datasheet HTML 21Page - Analog Devices ADPA7009CHIP Datasheet HTML 22Page - Analog Devices ADPA7009CHIP Datasheet HTML 23Page - Analog Devices ADPA7009CHIP Datasheet HTML 24Page - Analog Devices ADPA7009CHIP Datasheet HTML 25Page - Analog Devices ADPA7009CHIP Datasheet HTML 26Page - Analog Devices ADPA7009CHIP Datasheet HTML 27Page - Analog Devices ADPA7009CHIP Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Data Sheet
ADPA7009CHIP
Rev. 0 | Page 27 of 28
MOUNTING AND BONDING TECHNIQUES FOR MILLIMETERWAVE GaAs MMICS
Attach the die directly to the ground plane with conductive
epoxy (see the Handling Precautions section, the Mounting
section, and the Wire Bonding section).
Place the microstrip substrates as close to the die as possible to
minimize ribbon bond length. Typical die to substrate spacing
is 0.076 mm to 0.152 mm (3 mil to 6 mil).
MMIC
3mil GOLD
RIBBON
3mil GA
RFIN
50Ω
TRANSMISSION LINE
Figure 80. High Frequency Input Wideband Matching
MMIC
3mil GOLD
RIBBON
3mil GA
RFOUT
50Ω
TRANSMISSION LINE
Figure 81. High Frequency Output Wideband Matching
HANDLING PRECAUTIONS
To avoid permanent damage, follow these storage, cleanliness,
static sensitivity, transient, and general handling precautions:
Place all bare die in either waffle- or gel-based ESD
protective containers and then seal the die in an ESD
protective bag for shipment. After the sealed ESD
protective bag is opened, store all die in a dry nitrogen
environment.
Handle the chips in a clean environment. Do not attempt
to clean the chips using liquid cleaning systems.
Follow ESD precautions to protect against ESD strikes.
While bias is applied, suppress instrument and bias supply
transients. Use shielded signal and bias cables to minimize
inductive pickup.
Handle the chip along the edges with a vacuum collet or
with a sharp pair of tweezers. The surface of the chip has
fragile air bridges and must not be touched with a vacuum
collet, tweezers, or fingers.
MOUNTING
Before the epoxy die is attached, apply a minimum amount of
epoxy to the mounting surface so that a thin epoxy fillet is
observed around the perimeter of the chip after it is placed into
position. Cure the epoxy per the schedule of the manufacturer.
WIRE BONDING
RF bonds made with 0.076 mm × 0.0127 mm (3 mil × 0. 5 mil)
gold ribbon are recommended for the RF ports. These bonds
must be thermosonically bonded with a force of 40 g to 60 g.
Thermosonically bonded dc bonds of 0.025 mm (1mil)
diameter are recommended. Create ball bonds with a force of
40 g to 50 g, and wedge bonds with a force of 18 g to 22 g.
Create all bonds with a nominal stage temperature of 150°C.
Apply the minimum amount of ultrasonic energy (depending
on the process and package being used) to achieve reliable
bonds. Keep all bonds as short as possible, less than 0.31 mm
(12.2 mil).
Alternatively, use short RF bonds that are ≤3 mm and made
with two 1 mm wires.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com