Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 15Page - Analog Devices ADPA7009CHIP Datasheet HTML 16Page - Analog Devices ADPA7009CHIP Datasheet HTML 17Page - Analog Devices ADPA7009CHIP Datasheet HTML 18Page - Analog Devices ADPA7009CHIP Datasheet HTML 19Page - Analog Devices ADPA7009CHIP Datasheet HTML 20Page - Analog Devices ADPA7009CHIP Datasheet HTML 21Page - Analog Devices ADPA7009CHIP Datasheet HTML 22Page - Analog Devices ADPA7009CHIP Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADPA7009CHIP
Rev. 0 | Page 19 of 28
APPLICATIONS INFORMATION
The ADPA7009CHIP is a GaAs, pHEMT, MMIC power
amplifier. Capacitive bypassing is required for all primary and
alternate VGGx and VDDx pads. VGG1 and VGG2 are the gate bias
pads for the amplifier. VDD1, VDD2, VDD3, and VDD4 are the drain
bias pads for the amplifier.
All measurements for this device were taken using the primary
application circuit (see Figure 66) and were configured as
shown in the assembly diagram (see Figure 79).
The recommended bias sequence during power-up is as
follows:
1. Connect GND to RF and dc ground.
2. Set the gate bias voltages, VGG1 and VGG2, to −1.5 V.
3. Set all the drain bias voltages, VDDx, to 5 V.
4. Increase the gate bias voltages, VGG1 and VGG2, to achieve an
IDQ of 750 mA.
5. Apply the RF signal.
The recommended bias sequence during power-down is as
follows:
1. Turn off the RF signal.
2. Decrease the primary gate bias voltages, VGG1 and VGG2, to
−1.5 V to achieve IDQ = 0 mA (approximately).
3. Decrease all the drain bias voltages to 0 V.
4. Increase the gate bias voltage to 0 V.
The VDD = 5 V and IDQ = 750 mA bias conditions are
recommended to optimize overall performance. Unless
otherwise noted, the data shown was taken using the
recommended bias conditions. Operation of the ADPA7009CHIP
at different bias conditions may provide performance that
differs from what is shown in Table 1 to Table 4. Biasing the
ADPA7009CHIP for higher drain current typically results in
higher P1dB and gain at the expense of increased power
consumption (see Table 9).
TYPICAL APPLICATION CIRCUIT
Figure 66 shows the primary application circuit. Figure 67
shows the alternate typical application circuit.
Table 9. Power Selection Table1, 2
IDQ (mA)
Gain (dB)
P1dB (dBm)
Output IP3 (dBm)
PDISS (W) at PSAT
VGGx (V)
650
20.33
27.57
37.07
3.25
−0.68
750
21.02
27.93
34.83
3.75
−0.63
850
21.52
28.17
32.69
4.25
−0.59
950
22.02
28.34
31.19
4.75
−0.54
1
Data taken at the following nominal bias conditions: VDD = 5 V, TA = 25°C, and frequency = 36 GHz.
2
Adjust VGGx from −1.5 V to 0 V to achieve the desired drain current.
VGG1
4.7µF
+
0.01µF
100pF
100pF
4.7µF
+
0.01µF
100pF
VDD1,
VDD2
RFIN
1
2
3
4
5
6
7
8
9
10
RFOUT
VDET
VREF
100kΩ
100kΩ
+5V
+5V
10kΩ
10kΩ
–
+
VOUT = VREF – VDET
–5V
10kΩ
10kΩ
SUGGESTED CIRCUIT
Figure 66. Primary Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com