Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 23 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 19Page - Analog Devices ADPA7009CHIP Datasheet HTML 20Page - Analog Devices ADPA7009CHIP Datasheet HTML 21Page - Analog Devices ADPA7009CHIP Datasheet HTML 22Page - Analog Devices ADPA7009CHIP Datasheet HTML 23Page - Analog Devices ADPA7009CHIP Datasheet HTML 24Page - Analog Devices ADPA7009CHIP Datasheet HTML 25Page - Analog Devices ADPA7009CHIP Datasheet HTML 26Page - Analog Devices ADPA7009CHIP Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADPA7009CHIP
Rev. 0 | Page 23 of 28
HMC980LP4E BIAS SEQUENCE
The dc supply sequence described in this section is required to
prevent damage to the HMC980LP4E when using the device to
control the ADPA7009CHIP.
Power-Up Sequence
The power-up sequence for the HMC980LP4E is as follows:
1. Set VDIG = 3.3 V.
2. Set S0 = 3.3 V.
3. Set VDD = 5.72 V.
4. Set VNEG = −1.5 V (this step is unnecessary if using an
internally generated voltage).
5. Set EN = 3.3 V (the transition from 0 V to 3.3 V turns on
VGATE and VDRAIN).
Power-Down Sequence
The power-down sequence for the HMC980LP4E is as follows:
1. Set EN = 0 V (the transition from 3.3 V to 0 V turns off
VDRAIN and VGATE).
2. Set VNEG = 0 V (this step is unnecessary if using and
internally generated voltage).
3. Set VDD = 0 V.
4. Set S0 = 0 V.
5. Set VDIG = 0 V.
After the HMC980LP4E bias control circuit is set up, toggle
the bias to the ADPA7009CHIP on or off by applying 3.3 V or
0 V, respectively, to the EN pad. At EN = +3.3 V, VGATE drops to
−1.5 V, and VDRAIN turns on at +5 V. VGATE then rises until
IDRAIN = 850 mA, and the closed control loop regulates IDRAIN at
850 mA. When EN = 0 V, VDRAIN is set to −1.5 V, and
VDRAIN is set to 0 V.
CONSTANT DRAIN CURRENT BIASING vs.
CONSTANT GATE VOLTAGE BIASING
The HMC980LP4E uses closed-loop feedback to continuously
adjust VGATE to maintain a constant drain current bias over
dc supply variation, temperature, and device to device
variation. In addition, constant drain current bias is the
optimum method for reducing time in calibration procedures
and for maintaining consistent performance over time. By
comparing the constant drain current bias with a constant gate
voltage bias where the current is driven to increase when RF power
is applied, a slightly lower output P1dB is seen with a constant
drain current bias. This output P1dB is shown in Figure 78, where
the RF performance is slightly lower than the constant gate
voltage bias operation due to a lower drain current at the high
input powers as the device reaches 1 dB compression.
To increase the output P1dB performance for the constant
drain current bias toward the constant gate voltage bias
performance, increase the set current toward the IDD value this
performance reaches under the RF drive in the constant gate
voltage bias condition, as shown in Figure 78. The limit of
increasing IDQ under the constant drain current operation is set by
the thermal limitations found in Table 5 with the maximum
power dissipation specification. As the IDD increase continues,
the actual output P1dB does not continue to increase indefinitely
and the power dissipation increases. Therefore, when using
constant drain current biasing, take the trade-off between the
power dissipation and the output P1dB performance into
consideration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com