Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009CHIP Datasheet(PDF) 10 Page - Analog Devices

Part # ADPA7009CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009CHIP Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPA7009CHIP Datasheet HTML 6Page - Analog Devices ADPA7009CHIP Datasheet HTML 7Page - Analog Devices ADPA7009CHIP Datasheet HTML 8Page - Analog Devices ADPA7009CHIP Datasheet HTML 9Page - Analog Devices ADPA7009CHIP Datasheet HTML 10Page - Analog Devices ADPA7009CHIP Datasheet HTML 11Page - Analog Devices ADPA7009CHIP Datasheet HTML 12Page - Analog Devices ADPA7009CHIP Datasheet HTML 13Page - Analog Devices ADPA7009CHIP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADPA7009CHIP
Data Sheet
Rev. 0 | Page 10 of 28
34
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
+85°C
+25°C
–55°C
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
Figure 22. Output P1dB vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 750 mA
34
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
950mA
850mA
750mA
650mA
550mA
Figure 23. Output P1dB vs. Frequency for Various IDQ Currents, VDD = 5 V
34
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
5V
4V
Figure 24. Output P1dB vs. Frequency for Various Supply Voltages,
IDQ = 750 mA
34
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
+85°C
+25°C
–55°C
Figure 25. PSAT vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 750 mA
34
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
950mA
850mA
750mA
650mA
550mA
Figure 26. PSAT vs. Frequency for Various IDQ Currents, VDD = 5 V
34
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
5V
4V
Figure 27. PSAT vs. Frequency for Various Voltages, IDQ = 750 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com